| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9915/PCBZ bảng dữ liệu(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9915/PCBZ bảng dữ liệu(HTML) 43 Page - Analog Devices |
|
43 / 51 page ![]() Data Sheet AD9915 REGISTER MAP AND BIT DESCRIPTIONS analog.com Rev. G | 43 of 51 Table 17. Register Map Register Name (Serial Address) Bit Range (Parallel Address) Bit 7 (MSB) Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 (LSB) Default Value (Hex)1 Profile 4 (P4) Phase/Amplitude Register (0x14) [7:0] (0x50) Phase Offset Word 4[7:0] N/A [15:8] (0x51) Phase Offset Word 4[15:8] N/A [23:16] (0x52) Amplitude Scale Factor 4[7:0] N/A [31:24] (0x53) Open Amplitude Scale Factor 4[11:8] N/A Profile 5 (P5) Frequency Tuning Word 5 Register (0x15) [7:0] (0x54) Frequency Tuning Word 5[7:0] N/A [15:8] (0x55) Frequency Tuning Word 5[15:8] N/A [23:16] (0x56) Frequency Tuning Word 5[23:16] N/A [31:24] (0x57) Frequency Tuning Word 5[31:24] N/A Profile 5 (P5) Phase/Amplitude Register (0x16) [7:0] (0x58) Phase Offset Word 5[7:0] N/A [15:8] (0x59) Phase Offset Word 5[15:8] N/A [23:16] (0x5A) Amplitude Scale Factor 5[7:0] N/A [31:24] (0x5B) Open Amplitude Scale Factor 5[11:8] N/A Profile 6 (P6) Frequency Tuning Word 6 Register (0x17) [7:0] (0x5C) Frequency Tuning Word 6[7:0] N/A [15:8] (0x5D) Frequency Tuning Word 6[15:8] N/A [23:16] (0x5E) Frequency Tuning Word 6[23:16] N/A [31:24] (0x5F) Frequency Tuning Word 6[31:24] N/A Profile 6 (P6) Phase/Amplitude Register (0x18) [7:0] (0x60) Phase Offset Word 6[7:0] N/A [15:8] (0x61) Phase Offset Word 6[15:8] N/A [23:16] (0x62) Amplitude Scale Factor 6[7:0] N/A [31:24] (0x63) Open Amplitude Scale Factor 6[11:8] N/A Profile 7 (P7) Frequency Tuning Word 7 Register (0x19) [7:0] (0x64) Frequency Tuning Word 7[7:0] N/A [15:8] (0x65) Frequency Tuning Word 7[15:8] N/A [23:16] (0x66) Frequency Tuning Word 7[23:16] N/A [31:24] (0x67) Frequency Tuning Word 7[31:24] N/A Profile 7 (P7) Phase/Amplitude Register (0x1A) [7:0] (0x68) Phase Offset Word 7[7:0] N/A [15:8] (0x69) Phase Offset Word 7[15:8] N/A [23:16] (0x6A) Amplitude Scale Factor 7[7:0] N/A [31:24] (0x6B) Open Amplitude Scale Factor 7[11:8] N/A |