| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPSB100 bảng dữ liệu(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 bảng dữ liệu(HTML) 43 Page - STMicroelectronics |
|
43 / 214 page ![]() Figure 26. NFSO1 output pin behavior at battery plug Figure 27. NFSO1 output pin behavior after a failure is detected 3.14 Interrupt - IRQ IRQ pin is an open-drain with an internal pull-up for the echo-generation. An external pull-up to VIO level close to MCU is strongly recommended. IRQ pin is set low if any of the following events is happening, as showed in the table below. Table 8. IRQ events SPI status bit name IRQ generated IRQ SPI mask name ABIST_COMPLETE Y Not maskable LBIST_COMPLETE Y Not maskable BOOST_IN_LP Y MASK_BOOST_IN_LP_IRQ BOOST_VDSMON_ERROR Y MASK_BOOST_VDSMON_IRQ BUCK1_OC Y if BUCK1_REGFAIL_GO_REC = 0 MASK_BUCK1_OC_IRQ BUCK1_OV Y if BUCK1_REGFAIL_GO_REC = 0 MASK_BUCK1_IRQ BUCK1_FB Y if BUCK1_REGFAIL_GO_REC = 0 MASK_BUCK1_IRQ SPSB100 Functional description DS14640 - Rev 1 page 43/214 |