| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C940JC/W bảng dữ liệu(PDF) 123 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C940JC/W bảng dữ liệu(HTML) 123 Page - Advanced Micro Devices |
|
123 / 144 page ![]() APPENDIX B Am79C940 123 BSDL DESCRIPTION OF Am79C940 MACE JTAG STRUCTURE -- -------- 04 November 1996 ----------- -- JWB 13-AUG-1996 changed "TQFP_PACKAGE" to "TQFP" -- 31-OCT-1996 corrected reversed bit subscripts for ADD, DBUS ! -- and bumped chip rev version from 2 to 3 -- A separate file for TQFP only, had to be created due to the missing -- four pins/functions on the TQFP version. -- The compiler does not know how to handle the missing four pins/functions -- in the TQFP version while at the same time, available for the PQFP -- and PLCC versions. We have no further plans for going back to -- combining both files into a single BSDL file. -- Network Products Division Product Marketing Group -- ------------------------------------- -- BSDL File created/edited by AT&T BSD Editor -- -- BSDE:Revision: Silicon Rev. C0; File REV A3 -- BSDE:Description: BSDL File for the AM79C940 MACE Rev C0 Product -- BSDE:Comments: /* BSDL file for the TQFP Definition only. -- * BSDL file checked by AT&T’s BCAD2 BSD Editor on 04/03/96 -- */ entity AM79C940 is generic (PHYSICAL_PIN_MAP : string := "TQFP" ); port ( ADD: in bit_vector (4 downto 0); AVDD1: linkage bit; AVDD2: linkage bit; AVDD3: linkage bit; AVDD4: linkage bit; |