công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C940JC/W bảng dữ liệu(PDF) 40 Page - Advanced Micro Devices

tên linh kiện AM79C940JC/W
Giải thích chi tiết về linh kiện  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W bảng dữ liệu(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 36Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 37Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 38Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 39Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 40Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 41Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 42Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 43Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
40
Am79C940
Input Signal Conditioning
Transient noise pulses at the input data stream
are rejected by the Noise Rejection Filter. Pulse width
rejection is proportional to transmit data rate. DC
inputs more negative than minus 100 mV ar e
also suppressed.
The Carrier Detection circuitry detects the presence of
an incoming data packet by discerning and rejecting
noise from expected Manchester data, and controls the
stop and start of the phase-lock loop during clock
acq uisition. Clock acquisition requ ire s a valid
Manchester bit pattern of 1010 to lock onto the
incoming message.
When input amplitude and pulse width conditions are
met at DI
±, the internal enable signal from the SIA to
controller (RXCRS) is asserted and a clock acquisition
cycle is initiated.
Clock Acquisition
When there is no activity at DI
± (receiver is idle), the
receive oscillator is phase locked to TCK. The first neg-
ative clock transition (bit cell center of first valid
Manchester “0") after RXCRS is asserted interrupts the
receive oscillator. The oscillator is then restarted at the
second Manchester “0" (bit time 4) and is phase locked
to it. As a result, the SIA acquires the clock from the
incoming Manchester bit pattern in 4 bit times with a
“1010" Manchester bit pattern.
SRDCLK and SRD are enabled 1/4 bit time after clock
acquisition in bit cell 5 if the ENPLSIO bit is set in the
PLS configuration control register. SRD is at a HIGH
state when the receiver is idle (no SRDCLK). SRD
however, is undefined when clock is acquired and may
remain HIGH or change to LOW state whenever
SRDCLK is enabled. At 1/4 bit time through bit cell 5,
the controller portion of the MACE device sees the first
SRDCLK transition. This also strobes in the incoming
fifth bit to the SIA as Manchester “1". SRD may make a
transition after the SRDCLK rising edge bit cell 5, but
its state is still undefined. The Manchester “1" at bit 5 is
clocked to SRD output at 1/4 bit time in bit cell 6.
PLL Tracking
After clock acquisition, the phase-locked clock is com-
pared to the incoming transition at the bit cell center
(BCC) and the resulting phase error is applied to a
correction circuit. This circuit ensures that the
phase-locked clock remains locked on the received
signal. Individual bit cell phase corrections of the Volt-
age Controlled Oscillator (VCO) are limited to 10%
of the phase differencebetween BCCand phase-
locked clock.
Carrier Tracking and End of Message
The carrier detection circuit monitors the DI
± inputs
after RXCRS is asserted for an end of message.
RXCRS de-asserts 1 to 2 bit times after the last positive
transition on the incoming message. This initiates the
end of reception cycle. The time delay from the last ris-
ing edge of the message to RXCRS deassert allows
the last bit to be strobed by SRDCLK and transferred to
the controller section, but prevents any extra bit(s) at
the end of message. When IRENA de-asserts (see
Receive Timing-End of Reception (Last Bit = 0) and
Receive Timing-End of Reception (Last Bit = 1) wave-
form diagrams) an RXCRS hold off timer inhibits
RXCRS assertion for at least 2 bit times.
Data Decoding
The data receiver is a comparator with clocked output
to minimize noise sensitivity to the DI
± inputs. Input
error is less than
± 35 mV to minimize sensitivity to
Data
Receiver
Manchester
Decoder
Noise
Reject
Filter
Carrier
Detect
Circuit
DI
±
SRD
SRDCLK
RXCRS
16235D-5
Receiver Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com