| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C940JC/W bảng dữ liệu(PDF) 25 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C940JC/W bảng dữ liệu(HTML) 25 Page - Advanced Micro Devices |
|
25 / 144 page ![]() Am79C940 25 SRD Configuration Note: 1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14). SRDCLK Configuration Notes: 1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14). 2. This pin should be externally terminated, if unused, to reduce power consumption. SLEEP PORTSEL [1-0] ENDPLSIO Interface Description Pin Function 0 XX X Sleep Mode High Impedance 1001 AUI SRD Output 1 01 1 10BASE-T SRD Output 1 10 1 DAI Port SRD Output 1111 GPSI SRD Output 1 XX 0 Status Disabled High Impedance SLEEP PORTSEL [1-0] ENDPLSIO Interface Description Pin Function 0 XX X Sleep Mode High Impedance 1 00 1 AUI SRDCLK Output 1 01 1 10BASE-T SRDCLK Output 1 10 1 DAI Port SRDCLK Output 1 11 1 GPSI SRDCLK Output 1 XX 0 Status Disabled High Impedance (Note 2) |