công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C940 bảng dữ liệu(PDF) 67 Page - Advanced Micro Devices

tên linh kiện AM79C940
Giải thích chi tiết về linh kiện  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 bảng dữ liệu(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 63Page - Advanced Micro Devices AM79C940 Datasheet HTML 64Page - Advanced Micro Devices AM79C940 Datasheet HTML 65Page - Advanced Micro Devices AM79C940 Datasheet HTML 66Page - Advanced Micro Devices AM79C940 Datasheet HTML 67Page - Advanced Micro Devices AM79C940 Datasheet HTML 68Page - Advanced Micro Devices AM79C940 Datasheet HTML 69Page - Advanced Micro Devices AM79C940 Datasheet HTML 70Page - Advanced Micro Devices AM79C940 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 144 page
background image
Am79C940
67
modified
backoff
algorithm.
EMBA is cleared by activation of
the RESET pin or SWRST bit.
Bit 4
RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
Bit 3
DRCVPA
Disable
Receive
Physical
Address. When set, the physical
address detection (Station or
node ID) of the MACE device will
be disabled. Packets addressed
to the nodes individual physical
address will not be recognized
(although the packet may be
accepted by the EADI mecha-
nism). DRCVPA is cleared by
activation of the RESET pin or
SWRST bit.
Bit 2
DRCVBC
Disable
Receive
Broadcast.
When set, disables the MACE
device
from
responding
to
broadcast messages. Used for
protocols that do not support
broadcast addressing, except as
a function of multicast. DRCVBC
is cleared by activation of the
RESET
pin
or
SWRST
bit
(broadcast messages will be
received).
Bit 1
ENXMT
Enable
Transmit.
Setting
ENXMT = 1 enables transmis-
sion. With ENXMT = 0, no trans-
mission will occur. If ENXMT is
written as 0 during frame trans-
mission, a packet transmission
which is incomplete will have a
guaranteed
CRC
violation
appended before the internal
Transmit FIFO is cleared. No
subsequent attempts to load the
FIFO should be made until
ENXMT is set and TDTREQ is
asserted. ENXMT is cleared by
activation of the RESET pin or
SWRST bit.
Bit 0
ENRCV
Enable Receive. Setting ENRCV
= 1 enables reception of frames.
With ENRCV = 0, no frames will
be received from the network
into the internal FIFO. When
ENRCV is written as 0, any
receive
frame
currently
in
progress will be completed (and
valid
data
contained
in
the
RCVFIFO can be read by the
host) and the MACE device will
enter the monitoring state for
missed
packets.
Note
that
clearing the ENRCV bit disables
the assertion of RDTREQ. If
ENRCV is cleared during re-
ceive
activity
and
remains
cleared for a long time and if the
tail end of the receive frame cur-
rently in progress is longer than
the amount of space available in
the
Receive
FIFO,
Receive
FIFO overflow will occur. How-
ever, even with RDTREQ deas-
serted, if there is valid data in the
Receive FIFO to be read, suc-
cessful
slave
reads
to
the
Receive FIFO can be executed
(indicated by valid DTV). It is the
host’s responsibility to avoid the
overflow situation. ENRCV is
cleared by activation of the
RESET pin or SWRST bit.
PLS Configuration
Control (PLSCC)
(REG ADDR 14)
All bits within the PLS Configuration Control register
are cleared upon a hardware or software reset. Bit
assignments are as follows:
Bit
Name
Description
Bit 7-4
RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
Bit 3
XMTSEL
Transmit Mode Select. XMTSEL
provides control over the AUI
DO+ and DO– operation while
the MACE device is not transmit-
ting. With XMTSEL = 0, DO+
and DO will be equal during
transmit idle state, providing
zero differential to operate trans-
former coupled loads. The turn
off and return to zero delays are
controlled
internally.
With
XMTSEL = 1, DO+ is positive
with respect to DO during the
transmit idle state .
Bit 2-1
PORTSEL
Port Select. PORTSEL is used
[1-0]
to
select
between
the
AUI,
10BASE–T, DAI or GPSI ports
of the MACE device. PORTSEL
is cleared by hardware or soft-
ware reset. PORTSEL will deter-
mine which of the interfaces is
used during normal operation, or
tested when utilizing the loop-
back options (LOOP [1-0]) in the
User Test Register. Note that
the PORTSEL [1–0] program-
ming will be overridden if the
ASEL bit in the PHY Configura-
tion Control register is set.
RES
RES
RES
RES
XMTSEL
PORTSEL [1-0]
ENPLSIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com