công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C940 bảng dữ liệu(PDF) 65 Page - Advanced Micro Devices

tên linh kiện AM79C940
Giải thích chi tiết về linh kiện  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 bảng dữ liệu(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 61Page - Advanced Micro Devices AM79C940 Datasheet HTML 62Page - Advanced Micro Devices AM79C940 Datasheet HTML 63Page - Advanced Micro Devices AM79C940 Datasheet HTML 64Page - Advanced Micro Devices AM79C940 Datasheet HTML 65Page - Advanced Micro Devices AM79C940 Datasheet HTML 66Page - Advanced Micro Devices AM79C940 Datasheet HTML 67Page - Advanced Micro Devices AM79C940 Datasheet HTML 68Page - Advanced Micro Devices AM79C940 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 144 page
background image
Am79C940
65
Transmit Start Point
Bit 3-1
RES
Reserved. Read as zeroes. Al-
ways write as zeroes.
Bit 0
SWRST
Software Reset. When set, pro-
vides an equivalent of the hard-
ware RESET pin function. All
register bits will be set to their
default values. The MACE de-
vice will require re-initialization
after SWRST has been activat-
ed. The MACE device will clear
SWRST during its internal reset
sequence.
FIFO Configuration Control
(REG ADDR 12)
(FIFOCC)
All bits within the FIFO Configuration Control register
will be set to their default state upon a hardware or soft-
ware reset. Bit assignments are as follows:
Bit
Name
Description
Bit 7-6
XMTFW
Transmit
FIFO
Watermark.
[1-0]
XMTFW
controls
the
point
TDTREQ is asserted in relation
to the number of write cycles to
the Transmit FIFO. TDTREQ will
be asserted at any time that the
number of write cycles specified
by XMTFW can be executed.
XMTFW is set to a value of 00 (8
cycles)
after
hardware
or
software reset.
Transmit FIFO Watermarks
The XMTFW value will only be
updated when the XMTFWU bit
is set.
To ensure that sufficient space
is present in the XMTFIFO to
accept the specified number of
write
cycles
(including
an
End-Of-Frame
delimiter),
TDTREQ may go inactive before
the XMTSP threshold is reached
when using the non burst mode
(XMTBRST = 0). The host must
be aware that despite TDTREQ
going inactive, additional space
exists in the XMTFIFO, and the
data write must continue to
ensure the XMTSP threshold is
achieved. No transmit activity
will commence until the XMTSP
threshold
is
reached.
When
using the burst mode, TDTREQ
will not be de-asserted until only
a single write cycle can be per-
formed. See the FIFO Sub-sys-
tem section for additional de-
tails.
Bit 5-4
RCVFW
Receive
FIFO
Watermark.
[1-0]
RCVFW
controls
the
point
RDTREQ is asserted in relation
to the number of bytes available
in the RCVFIFO. RCVFW speci-
fies the number of bytes which
must be present (once the pack-
et
has
been
verified
as
a
non-runt), before the RDTREQ
is asserted. Note however that in
order for RDTREQ to be activat-
ed for a new frame, at least
64-bytes
must
have
been
received. This effectively avoids
reacting to receive frames which
are runts or suffer a collision dur-
ing the slot time (512 bit times).
If the Runt Packet Accept fea-
ture (RPA in Receive Frame
Control)
is
enabled,
the
RDTREQ pin will be activated as
soon as either 64-bytes are
received, or a complete valid
receive
frame
is
detected
(regardless of length). RCVFW
is set to a value of 10 (64 bytes)
after hardware or software reset.
Receive FIFO Watermarks
The RCVFW value will only be
updated when the RCVFWU bit
is set.
Bit 3
XMTFWU
Transmit
FIFO
Watermark
Update. Allows update of the
XMTSP [1-0]
Bytes
00
4
01
16
10
64
11
112
XMTFW[1-0]
RCVFW [1-0]
XMTFWU
RCVFWU
XMTBRST
RCVBRST
XMTSP [1–0]
Bytes
00
8
01
16
10
32
11
XX
XMTSP [1–0]
Bytes
00
16
01
32
10
64
11
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com