| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC6906 bảng dữ liệu(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC6906 bảng dữ liệu(HTML) 28 Page - Analog Devices |
|
28 / 30 page ![]() LTC6990 28 Rev. D For more information www.analog.com PACKAGE DESCRIPTION 1.50 – 1.75 (NOTE 4) 2.80 BSC 0.30 – 0.45 6 PLCS (NOTE 3) DATUM ‘A’ 0.09 – 0.20 (NOTE 3) S6 TSOT-23 0302 2.90 BSC (NOTE 4) 0.95 BSC 1.90 BSC 0.80 – 0.90 1.00 MAX 0.01 – 0.10 0.20 BSC 0.30 – 0.50 REF PIN ONE ID NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 3.85 MAX 0.62 MAX 0.95 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.4 MIN 2.62 REF 1.22 REF S6 Package 6-Lead Plastic TSOT-23 (Reference LTC DWG # 05-08-1636) |