| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA4887 bảng dữ liệu(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA4887 bảng dữ liệu(HTML) 35 Page - NXP Semiconductors |
|
35 / 68 page ![]() 2001 Oct 19 35 Philips Semiconductors Product specification 160 MHz bus-controlled monitor video preamplifier TDA4887PS Table 5 Control register BIT FUNCTION DISO = 0 OSD signals enabled DISO = 1 OSD signals disabled DISV = 0 video signals enabled DISV = 1 video signals disabled FPOL = 0 negative feedback polarity; pins 23, 20 and 17 as feedback inputs; no external DAC voltage outputs FPOL = 1 positive feedback polarity; pins 23, 20 and 17 as external DAC voltage outputs; internal feedback of signal outputs BRI = 0 internal brightness control with grey scale tracking BRI = 1 Brightness control without grey scale tracking. With FPOL = 0 the brightness information is combined with the internal feedback reference voltages. With FPOL = 1 the brightness information is combined with the DAC output voltages for DC restoration at the cathodes. |