công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA4887 bảng dữ liệu(PDF) 34 Page - NXP Semiconductors

tên linh kiện TDA4887
Giải thích chi tiết về linh kiện  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887 bảng dữ liệu(HTML) 34 Page - NXP Semiconductors

Back Button TDA4887 Datasheet HTML 30Page - NXP Semiconductors TDA4887 Datasheet HTML 31Page - NXP Semiconductors TDA4887 Datasheet HTML 32Page - NXP Semiconductors TDA4887 Datasheet HTML 33Page - NXP Semiconductors TDA4887 Datasheet HTML 34Page - NXP Semiconductors TDA4887 Datasheet HTML 35Page - NXP Semiconductors TDA4887 Datasheet HTML 36Page - NXP Semiconductors TDA4887 Datasheet HTML 37Page - NXP Semiconductors TDA4887 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
2001 Oct 19
34
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
Table 4
Subaddress and data byte format
Notes
1. See Table 3 (Subaddress byte format).
2. The least significant bit (LSB) of an analog alignment register is defined as AX0 (data bit D0).
3. Under certain conditions the nominal values lead to nominal colour signals, etc. (see notes 1 and 3 of
Chapter “Characteristics” and Figs 4 to 6).
After power-up and after internal Power-on reset of the I2C-bus the registers are set to the following values:
a) Control bit FPOL to logic 1.
b) Control bits DISV, DISO and BRI to logic 0.
c) All other alignment registers to logic 0 (minimum value for control registers).
4. Data bit.
5. X means don’t care but the bits are preferably set to logic 0 for software compatibility with other video ICs that have
the same slave address.
FUNCTION
SUBADDRESS(1)
DATA BYTE(2)
NOMINAL
VALUE(3)
DIRECT
MODE
BUFFERED
MODE
D7(4) D6(4)
D5(4)
D4(4)
D3(4)
D2(4)
D1(4)
D0(4)
Control register
00H
80H
X(5)
BRI
X(5)
X(5)
FPOL DISV DISO
X(5)
08H
Brightness control
01H
81H
A17
A16
A15
A14
A13
A12
A11
A10
40H
Contrast control
02H
82H
A27
A26
A25
A24
A23
A22
A21
A20
FFH
OSD contrast
control
03H
83H
X(5)
X(5)
X(5)
X(5)
A33
A32
A31
A30
0FH
Gain control
channel 1
04H
84H
A47
A46
A45
A44
A43
A42
A41
A40
FFH
Gain control
channel 2
05H
85H
A57
A56
A55
A54
A53
A52
A51
A50
FFH
Gain control
channel 3
06H
86H
A67
A66
A65
A64
A63
A62
A61
A60
FFH
Black level
reference channel 1
07H
87H
A77
A76
A75
A74
A73
A72
A71
A70
−
Black level
reference channel 2
08H
88H
A87
A86
A85
A84
A83
A82
A81
A80
−
Black level
reference channel 3
09H
89H
A97
A96
A95
A94
A93
A92
A91
A90
−
Black level for
AC coupling
0AH
8AH
X(5)
X(5)
X(5)
X(5)
X(5)
AA2
AA1
AA0
−
Depth of pedestal
blanking
0BH
8BH
X(5)
X(5)
X(5)
X(5)
X(5)
X(5)
AB1
AB0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com