| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C408 bảng dữ liệu(PDF) 57 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C408 bảng dữ liệu(HTML) 57 Page - Coilcraft lnc. |
|
57 / 60 page ![]() www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 57 CMT Common Mode EMI Chokes Coilcraft’s CMT toroid style common mode chokes are designed to provide the highest common mode impedance over the widest frequency range. These parts are ideal for any application requiring a high DC current bias and are well suited for use in switch-mode power supplies. These common mode chokes are most effective in filtering supply and return conductors with in-phase signals of equal amplitude. Differential mode inductors are available for filtering out-of-phase or uneven amplitude signals. Common mode Leakage peak impedance Inductance DCR max inductance Isolation I rms Part number (kOhms) min (mH) (Ohms) max (µH) (Vrms) (A) CMT1-5.0-1L 36.28 @ 100 MHz 5.0 0.207 80 1250 1 CMT1-8.0-1L 27.98 @ 100 MHz 8.0 0.270 125 1250 1 CMT1-15.0-1L 35.27 @ 51 MHz 15 0.430 233 1250 1 CMT1-2.5-2L 50.80 @ 59 MHz 2.5 0.090 42 1250 2 CMT1-4.0-2L 17.53 @ 100 MHz 4.0 0.095 70 1250 2 CMT1-7.5-2L 2.29 @ 1.6 MHz 7.5 0.108 74 1250 2 CMT1-1.3-4L 31.76 @ 48 MHz 1.3 0.029 20 1250 4 CMT1-2.1-4L 13.05 @ 100 MHz 2.1 0.040 36 1250 4 CMT1-3.7-4L 47.42 @ 46 MHz 3.7 0.036 40 1250 4 CMT1-1.0-6L 12.64 @ 0.63 MHz 1.0 0.022 19 1250 6 CMT1-1.7-6L 43.05 @ 100 MHz 1.7 0.032 34 1250 6 CMT1-3.0-6L 160.40 @ 0.16 MHz 3.0 0.027 35 1250 6 CMT1-.6-9L 22.06 @ 0.49 MHz 0.6 0.012 11 1250 9 CMT1-1.1-9L 28.44 @ 0.92 MHz 1.1 0.013 12 1250 9 CMT1-1.9-9L 9.53 @ 12 MHz 1.9 0.017 20 1250 9 CMT1-.5-12L 9.53 @ 12 MHz 0.5 0.008 9.0 1250 12 CMT1-.8-12L 8.27 @ 12 MHz 0.8 0.008 9.0 1250 12 CMT1-1.4-12L 46.14 @ 0.38 MHz 1.4 0.011 16 1250 12 CMT1-.3-15L 35.27 @ 100 MHz 0.3 0.005 6.0 1250 15 CMT1-.6-15L 17.74 @ 0.27 MHz 0.6 0.006 6.5 1250 15 CMT1-1.1-15L 81.12 @ 0.25 MHz 1.1 0.008 13.7 1250 15 CMT2-7.5-1L 4.25 @ 1.1 MHz 7.5 0.270 90 1250 1 CMT2-13-1L 26.46 @ 110 MHz 13 0.415 190 1250 1 CMT2-3.8-2L 2.15 @ 1.5 MHz 3.8 0.106 48 1250 2 CMT2-6.5-2L 33.27 @ 35 MHz 6.5 0.145 98 1250 2 CMT2-1.9-4L 2.98 @ 1.2 MHz 1.9 0.038 26 1250 4 CMT2-3.3-4L 27.29 @ 100 MHz 3.3 0.055 45 1250 4 CMT2-1.5-6L 35.92 @ 39 MHz 1.5 0.029 21 1250 6 CMT2-2.6-6L 16.92 @ 1.1 MHz 2.6 0.040 41 1250 6 CMT2-.9-9L 161.50 @ 0.27 MHz 0.9 0.014 17 1250 9 CMT2-1.5-9L 27.13 @ 20 MHz 1.5 0.013 15 1250 9 CMT2-.7-12L 29.70 @ 0.61 MHz 0.7 0.011 14 1250 12 CMT2-1.2-12L 32.73 @ 0.78 MHz 1.2 0.011 14 1250 12 CMT2-.5-15L 56.35 @ 0.41 MHz 0.5 0.007 8.7 1250 15 CMT2-.8-15L 110.44 @ 13 MHz 0.8 0.007 10 1250 15 CMT3-32-1L 215.01 @ 0.18 MHz 32 0.650 485 1250 1 CMT3-56-1L 149.83 @ 0.12 MHz 56 0.900 780 1250 1 CMT3-16-2L 215.13 @ 0.12 MHz 16 0.240 210 1250 2 CMT3-28-2L 22.33 @ 100 MHz 28 0.330 410 1250 2 CMT3-8-4L 29.82 @ 0.1 MHz 8.0 0.061 57.5 1250 4 CMT3-14-4L 28.53 @ 0.46 MHz 14 0.120 180 1250 4 CMT3-6.6-6L 41.91 @ 0.1 MHz 6.6 0.048 49 1250 6 CMT3-11.5-6L 13.83 @ 0.43 MHz 11.5 0.088 140 1250 6 CMT3-4-9L 14.47 @ 100 MHz 4.0 0.026 37 1250 9 CMT3-7-9L 26.76 @ 0.38 MHz 7.0 0.045 104 1250 9 CMT3-3-12L 25.59 @ 0.95 MHz 3.0 0.022 40 1250 12 CMT3-5.2-12L 20.13 @ 0.32 MHz 5.2 0.025 47 1250 12 CMT3-2.5-15L 79.68 @ 0.16 MHz 2.5 0.019 42 1250 15 CMT3-4.4-15L 19.83 @ 0.27 MHz 4.4 0.017 48 1250 15 CMT4-72-1L 19.27 @ 0.18 MHz 72 1.15 1400 1250 1 CMT4-125-1L 157.53 @ 0.18 MHz 125 1.15 1400 1250 1 CMT4-36-2L 30.29 @ 0.1 MHz 36 0.415 680 1250 2 CMT4-62-2L 26.48 @ 0.12 MHz 62 0.415 750 1250 2 CMT4-19-4L 186.61 @ 0.12 MHz 19 0.15 350 1250 4 CMT4-32-4L 39.44 @ 0.12 MHz 32 0.158 370 1250 4 CMT4-15-6L 247.34 @ 0.17 MHz 15 0.114 275 1250 6 CMT4-26-6L 91.87 @ 0.16 MHz 26 0.115 320 1250 6 CMT4-10-9L 28.15 @ 0.1 MHz 10 0.057 190 1250 9 CMT4-17-9L 433.33 @ 0.11 MHz 17 0.062 220 1250 9 CMT4-7.5-12L 56.92 @ 0.34 MHz 7.5 0.042 140 1250 12 CMT4-13-12L 25.54 @ 0.98 MHz 13 0.043 155 1250 12 CMT4-6-15L 80.52 @ 0.31 MHz 6.0 0.03 111 1250 15 CMT4-10-15L 66.10 @ 0.1 MHz 10 0.029 122 1250 15 Dimensions (inches mm) Series A max B max C max D ref CMT1-5.0-1L 1.210, 30,7 1.100, 27,9 0.625, 15,9 0.150 3,81 CMT1-8.0-1L 1.210, 30,7 1.100, 27,9 0.625, 15,9 0.150 3,81 CMT1-15.0-1L 1.300, 33,0 1.155, 29,4 0.625, 15,9 0.150 3,81 CMT1-2.5-2L 1.210, 30,7 1.100, 27,9 0.625, 15,9 0.150 3,81 CMT1-4.0-2L 1.210, 30,7 1.050, 26,7 0.625, 15,9 0.150 3,81 CMT1-7.5-2L 1.300, 33,0 1.155, 29,4 0.625, 15,9 0.150 3,81 CMT1-1.3-4L 1.210, 30,7 1.100, 27,9 0.625, 15,9 0.150 3,81 CMT1-2.1-4L 1.210, 30,7 1.100, 27,9 0.625, 15,9 0.150 3,81 CMT1-3.7-4L 1.300, 33,0 1.125, 28.6 0.625, 15,9 0.150 3,81 CMT1-1.0-6L 1.210, 30,7 1.100, 27,9 0.625, 15,9 0.150 3,81 CMT1-1.7-6L 1.300, 33,0 1.155, 29,4 0.625, 15,9 0.150 3,81 CMT1-3.0-6L 1.210, 30,7 1.200, 30,5 0.625, 15,9 0.150 3,81 CMT1-.6-9L 1.210, 30,7 1.200, 30,5 0.625, 15,9 0.150 3,81 CMT1-1.1-9L 1.210, 30,7 1.300, 33,0 0.625, 15,9 0.150 3,81 CMT1-1.9-9L 1.400, 35,6 1.300, 33,0 0.625, 15,9 0.150 3,81 CMT1-.5-12L 1.210, 30,7 1.200, 30,5 0.650, 16,5 0.150 3,81 CMT1-.8-12L 1.210, 30,7 1.200, 30,5 0.650, 16,5 0.150 3,81 CMT1-1.4-12L 1.210, 30,7 1.300, 33.0 0.650, 16,5 0.150 3,81 CMT1-.3-15L 1.210, 30,7 1.300, 33.0 0.625, 15,9 0.150 3,81 CMT1-.6-15L 1.210, 30,7 1.250, 31.8 0.650, 16,5 0.150 3,81 CMT1-1.1-15L 1.210, 30,7 1.250, 31.8 0.700, 17,8 0.150 3,81 CMT2-7.5-1L 1.310, 33,3 1.100, 27,9 0.825, 21,0 0.150 3,81 CMT2-13-1L 1.310, 33,3 1.300, 33,0 0.825, 21,0 0.150 3,81 CMT2-3.8-2L 1.310, 33,3 1.100, 27,9 0.825, 21,0 0.150 3,81 CMT2-6.5-2L 1.310, 33,3 1.300, 33,0 0.825, 21,0 0.150 3,81 CMT2-1.9-4L 1.310, 33,3 1.100, 27,9 0.825, 21,0 0.150 3,81 CMT2-3.3-4L 1.310, 33,3 1.300, 33,0 0.825, 21,0 0.150 3,81 CMT2-1.5-6L 1.310, 33,3 1.100, 27,9 0.825, 21,0 0.150 3,81 CMT2-2.6-6L 1.400, 35,6 1.400, 35,6 0.900, 22,9 0.150 3,81 CMT2-.9-9L 1.310, 33,3 1.200, 30,5 0.825, 21,0 0.150 3,81 CMT2-1.5-9L 1.250, 31,8 1.250, 31,8 0.825, 21,0 0.150 3,81 CMT2-.7-12L 1.250, 31,8 1.200, 30,5 0.825, 21,0 0.150 3,81 CMT2-1.2-12L 1.250, 31,8 1.200, 30,5 0.825, 21,0 0.150 3,81 CMT2-.5-15L 1.300, 33,0 1.300, 33.0 0.825, 21,0 0.150 3,81 CMT2-.8-15L 1.250, 31,8 1.200, 30,5 0.825, 21,0 0.150 3,81 CMT3-32-1L 1.650, 41,9 1.400, 35,6 0.925, 23,5 0.150 3,81 CMT3-56-1L 1.650, 41,9 1.650, 41,9 0.925, 23,5 0.150 3,81 CMT3-16-2L 1.650, 41,9 1.400, 35,6 0.925, 23,5 0.150 3,81 CMT3-28-2L 1.650, 41,9 1.650, 41,9 0.925, 23,5 0.150 3,81 CMT3-8-4L 1.650, 41,9 1.350, 34,3 0.925, 23,5 0.150 3,81 CMT3-14-4L 1.650, 41,9 1.700, 43,2 0.950, 24,1 0.150 3,81 CMT3-6.6-6L 1.600, 40,6 1.400, 35,6 0.925, 23,5 0.150 3,81 CMT3-11.5-6L 1.650, 41,9 1.700, 43,2 0.925, 23,5 0.150 3,81 CMT3-4-9L 1.450, 36,8 1.400, 35,6 0.925, 23,5 0.150 3,81 CMT3-7-9L 1.760, 44,7 1.760, 44,7 0.975, 24,8 0.150 3,81 CMT3-3-12L 1.700, 43,2 1.700, 43,2 0.950, 24,1 0.150 3,81 CMT3-5.2-12L 1.700, 43,2 1.700, 43,2 1.000, 25,4 0.150 3,81 CMT3-2.5-15L 1.750, 44,5 1.750, 44,5 1.000, 25,4 0.150 3,81 CMT3-4.4-15L 1.700, 43,2 1.700, 43,2 1.000, 25,4 0.150 3,81 CMT4-72-1L 2.100, 53,3 2.100, 53,3 1.130, 28,7 0.150 3,81 CMT4-125-1L 2.150, 54,6 2.200, 55,9 1.130, 28,7 0.150 3,81 CMT4-36-2L 2.150, 54,6 2.215, 56,3 1.130, 28,7 0.150 3,81 CMT4-62-2L 2.150, 54,6 2.200, 55,9 1.130, 28,7 0.150 3,81 CMT4-19-4L 2.180, 55,4 2.200, 55,9 1.130, 28,7 0.150 3,81 CMT4-32-4L 2.180, 55,4 2.200, 55,9 1.130, 28,7 0.150 3,81 CMT4-15-6L 2.180, 55,4 2.200, 55,9 1.130, 28,7 0.150 3,81 CMT4-26-6L 2.180, 55,4 2.225, 56,5 1.130, 28,7 0.150 3,81 CMT4-10-9L 2.180, 55,4 2.200, 55,9 1.130, 28,7 0.150 3,81 CMT4-17-9L 2.250, 57,2 2.280, 57,9 1.150, 29,2 0.150 3,81 CMT4-7.5-12L 2.250, 57,2 2.200, 55,9 1.130, 28,7 0.150 3,81 CMT4-13-12L 2.300, 58,4 2.250, 57,2 1.130, 28,7 0.150 3,81 CMT4-6-15L 2.250, 57,2 2.250, 57,2 1.150, 29,2 0.150 3,81 CMT4-10-15L 2.300, 58,4 2.280, 57,9 1.130, 28,7 0.150 3,81 |