| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C408 bảng dữ liệu(PDF) 18 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C408 bảng dữ liệu(HTML) 18 Page - Coilcraft lnc. |
|
18 / 60 page ![]() 18 www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 Dimensions (inches mm) A B C D E F 0.256 6,48 0.283 7,2 0.175 4,45 0.04 1,00 0.10 2,54 0.02 0,5 1 2 34 5 6 Type C 1 34 5 6 Type B 1 34 6 Type A Pri Pri Pri Sec Sec Sec 1 6 B A C D EF PWB Pins 1–3 Pins 6–4 Part Imp Bandwidth I rms Insertion L min DCR max L min DCR max Type number ratio (MHz) (mA) loss (dB) (µH) (Ohms) (µH) (Ohms) A PWB-1-ALD 1:1 0.080 - 450 250 0.60 40 0.070 40 0.070 A PWB-1.5-ALD 1:1.5 0.030 - 300 250 0.35 110 0.080 160 0.110 A PWB-2-ALD 1:2 0.050 - 200 250 0.25 75 0.088 150 0.120 A PWB-4-ALD 1:4 0.150 - 500 250 0.50 25 0.075 98 0.135 A PWB-16-ALD 1:16 0.050 - 80 250 0.35 75 0.260 1250 0.910 A PWB1010LD 1:1 0.0035 - 125 250 0.20 780 0.320 780 0.320 A PWB1010-1LD 1:1 0.03 - 250 250 0.20 95 0.200 95 0.200 A PWB1015LD 1:1.5 0.07 - 225 250 0.40 51 0.130 80 0.145 A PWB1040LD 1:4 0.15 - 400 250 0.40 25 0.115 95 0.160 B PWB-1-BLD 1:1 0.130 - 425 250 0.40 22 0.070 22 0.070 B PWB-1.5-BLD 1:1.5 0.500 - 250 250 0.40 140 0.100 200 0.120 B PWB-2-BLD 1:2 0.200 - 400 250 0.35 75 0.088 150 0.130 B PWB-4-BLD 1:4 0.140 - 700 250 0.50 25 0.075 98 0.135 B PWB-16-BLD 1:16 0.075 - 90 250 0.30 75 0.260 1250 0.910 B PWB2010LD 1:1 0.0035 - 125 250 0.20 780 0.320 780 0.320 B PWB2010-1LD 1:1 0.03 - 250 250 0.20 95 0.200 95 0.200 B PWB2040LD 1:4 0.15 - 400 250 0.40 25 0.115 95 0.160 C PWB-1-CLD 1:1 0.100 - 300 250 0.60 22 0.070 22 0.070 C PWB-1.5-CLD 1:1.5 0.150 - 200 250 0.30 140 0.110 200 0.120 C PWB-2-CLD 1:2 0.130 - 285 250 0.30 75 0.105 150 0.130 C PWB-4-CLD 1:4 0.140 - 500 250 0.50 25 0.075 98 0.135 C PWB3010LD 1:1 0.0035 - 125 250 0.20 780 0.320 780 0.320 C PWB3010-1LD 1:1 0.03 - 250 250 0.20 95 0.200 95 0.200 C PWB3015LD 1:1.5 0.07 - 225 250 0.40 51 0.130 80 0.145 C PWB3040LD 1:4 0.15 - 400 250 0.40 25 0.115 95 0.160 PFD2015 Insertion Imp Bandwidth Irms loss max L/winding Test freq DCR max Isolation Part number ratio (MHz) (mA) (dB) (µH) (MHz) (Ohms) (Vrms) PFD2015-102MEC 1:1 4.6 - 750 1130 0.5 0.80 0.100 0.165 250 PFD2015-122MEC 1:1 4.0 - 730 1060 0.4 0.96 0.100 0.175 250 PFD2015-182MEC 1:1 2.2 - 490 690 0.4 1.44 0.100 0.294 250 PFD2015-272MEC 1:1 1.5 - 410 580 0.4 2.16 0.100 0.477 250 PFD2015-332MEC 1:1 1.2 - 340 525 0.5 2.64 0.100 0.670 250 PFD2015-472MEC 1:1 0.8 - 230 370 0.4 3.76 0.100 1.00 250 PFD2015-682MEC 1:1 0.6 - 200 265 0.5 5.44 0.100 1.75 250 PFD2015-822MEC 1:1 0.5 - 174 210 0.5 6.56 0.100 2.50 250 PFD2015-103MEC 1:1 0.4 - 130 185 0.7 8.00 0.100 3.40 250 Dimensions (inches mm) Series A max B max C max D E PFD2015 0.090 2,29 0.060 1,52 0.059 1,50 0.014 0,356 0.017 0,342 PFD3215 0.131 3,32 0.092 2,33 0.059 1,50 0.014 0,356 0.025 0,635 B A D E C 1 2 3 4 Pri Sec PFD3215 Insertion Imp Bandwidth Irms loss max L/winding Test freq DCR max Isolation Part number ratio (MHz) (A) (dB) (µH) (MHz) (Ohms) (Vrms) PFD3215-391MEC 1:1 12.6 - 645 1.39 0.6 0.31 0.100 0.070 250 PFD3215-102MEC 1:1 4.0 - 500 1.20 0.4 0.80 0.100 0.123 250 PFD3215-182MEC 1:1 2.2 - 300 0.85 0.5 1.4 0.100 0.250 250 PFD3215-222MEC 1:1 2.0 - 370 0.81 0.4 1.7 0.100 0.265 250 PFD3215-332MEC 1:1 1.2 - 310 0.78 0.6 2.6 0.100 0.360 250 PFD3215-472MEC 1:1 0.9 - 250 0.72 0.5 3.7 0.100 0.450 250 PFD3215-682MEC 1:1 0.8 - 150 0.57 0.5 5.4 0.100 0.630 250 PFD3215-103MEC 1:1 0.4 - 150 0.38 0.5 8.0 0.100 1.25 250 Dimensions (inches mm) A max B max C max 0.175 4,45 0.165 4,19 0.120 3,05 1 2 3 4 5 6 Type C PriSec 1 3 4 2 6 Type B Pri Sec 1 3 4 2 6 Type D Pri Sec 1 3 4 6 Type A Pri Sec WBC Insertion Pins 4-6 Pins 1-3 Part Imp Bandwidth loss max L min DCR max L min DCR max Type number ratio (MHz) (dB) (µH) (mOhms) (µH) (mOhms) A WBC1-1LC 1:1 0.400 – 600 0.40 10 120 10 120 B WBC1-1TLC 1:1 0.250 – 750 0.58 9.5 75 9.5 75 B WBC2-1TLC 1:2 0.200 – 500 0.50 10 120 20 150 B WBC3-1TLC 1:3 0.300 – 900 0.60 9 100 27 150 B WBC4-1TLC 1:4 0.250 – 750 1.0 9 55 36 120 B WBC4-14LC 1:4 1.500 – 1200 2.0 2 50 8 100 B WBC4-1WLC 1:4 0.500 – 1000 0.90 5 80 20 120 B WBC4-6TLC 1:4 0.300 – 700 0.65 9 80 36 200 D WBC8-1LC 1:8 0.150 – 600 0.60 22 120 176 310 B WBC9-1LC 1:9 0.300 – 500 0.54 9 80 81 230 B WBC16-1TLC 1:16 0.600 – 300 0.80 5 80 80 230 C WBC4-4LC 1:4 0.250 – 800 1.0 9 60 36 120 SM Wideband RF Transformers |