công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C366 bảng dữ liệu(PDF) 12 Page - Coilcraft lnc.

tên linh kiện C366
Giải thích chi tiết về linh kiện  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COILCRAFT [Coilcraft lnc.]
Trang chủ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 bảng dữ liệu(HTML) 12 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 8Page - Coilcraft lnc. C366 Datasheet HTML 9Page - Coilcraft lnc. C366 Datasheet HTML 10Page - Coilcraft lnc. C366 Datasheet HTML 11Page - Coilcraft lnc. C366 Datasheet HTML 12Page - Coilcraft lnc. C366 Datasheet HTML 13Page - Coilcraft lnc. C366 Datasheet HTML 14Page - Coilcraft lnc. C366 Datasheet HTML 15Page - Coilcraft lnc. C366 Datasheet HTML 16Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
12
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
1812FS Shielded
Inductance
Percent
Q
DCR max
SRF typ
I
sat
I
rms
Part number
(µH)
tolerance*
min
(Ohms)
(MHz)
(mA)
(mA)
1812FS-102_LC
1.0
10,5
30
0.070
320
3100
2950
1812FS-122_LC
1.2
10,5
35
0.110
280
2800
2600
1812FS-152_LC
1.5
10,5
20
0.105
200
2100
2850
1812FS-222_LC
2.2
10,5
30
0.120
175
1800
2700
1812FS-242_LC
2.4
10,5
25
0.175
160
1900
2050
1812FS-272_LC
2.7
10,5
30
0.200
165
1400
2100
1812FS-332_LC
3.3
10,5
33
0.185
160
1400
1900
1812FS-392_LC
3.9
10,5
32
0.195
145
1300
1700
1812FS-472_LC
4.7
10,5
28
0.15
125
1000
1800
1812FS-562_LC
5.6
10,5
35
0.40
110
1000
1650
1812FS-682_LC
6.8
10,5
35
0.35
110
850
1450
1812FS-103_LC
10
10,5
35
0.55
90
710
1400
1812FS-153_LC
15
10,5
40
0.75
75
680
1150
1812FS-223_LC
22
10,5
45
0.85
15
600
855
1812FS-333_LC
33
10,5
45
1.1
10
540
820
1812FS-393_LC
39
10,5
45
1.1
9.8
500
710
1812FS-473_LC
47
10,5
45
1.2
8.0
390
645
1812FS-683_LC
68
10,5
45
1.8
14.2
260
650
1812FS-104_LC
100
10,5
45
2.5
4.5
260
520
1812FS-154_LC
150
10,5
40
3.8
3.4
220
475
1812FS-224_LC
220
10,5
45
5.4
3.0
180
390
1812FS-274_LC
270
10,5
35
6.5
2.0
150
350
1812FS-334_LC
330
10,5
45
6.8
3.0
150
310
1812FS-394_LC
390
10,5
35
7.6
2.6
140
310
1812FS-474_LC
470
10,5
35
8.7
2.10
130
280
1812FS-564_LC
560
10,5
20
11.2
1.60
110
280
1812FS-684_LC
680
10,5
25
12.7
1.90
100
250
1812FS-824_LC
820
10,5
25
16.8
1.45
90
210
1812FS-105_LC
1000
10,5
30
19.5
1.68
90
160
1812LS
Inductance
SRF typ
DCR max
I
rms
Part number
±5% (µH)
Qmin
(MHz)
(Ohms)
(mA)
1812LS-123XJLC
12 @ 2.5 MHz
42 @ 2.5 MHz
85
2.0
310
1812LS-153XJLC
15 @ 2.5 MHz
42 @ 2.5 MHz
70
2.5
290
1812LS-183XJLC
18 @ 2.5 MHz
45 @ 2.5 MHz
52
2.8
270
1812LS-223XJLC
22 @ 2.5 MHz
45 @ 2.5 MHz
58
3.2
260
1812LS-273XJLC
27 @ 2.5 MHz
45 @ 2.5 MHz
46
3.6
240
1812LS-333XJLC
33 @ 2.5 MHz
45 @ 2.5 MHz
40
4.0
230
1812LS-393XJLC
39 @ 2.5 MHz
45 @ 2.5 MHz
30
4.5
210
1812LS-473XJLC
47 @ 2.5 MHz
42 @ 2.5 MHz
24
5.0
200
1812LS-563XJLC
56 @ 2.5 MHz
42 @ 2.5 MHz
20
5.5
190
1812LS-683XJLC
68 @ 2.5 MHz
40 @ 2.5 MHz
16
6.0
180
1812LS-823XJLC
82 @ 2.5 MHz
40 @ 2.5 MHz
13.5
7.0
170
1812LS-104XJLC
100 @ 2.5 MHz
40 @ 2.5 MHz
12.0
8.0
150
1812LS-124XJLC
120 @ 0.79 MHz
33 @ 0.79 MHz
14.5
11.5
135
1812LS-154XJLC
150 @ 0.79 MHz
36 @ 0.79 MHz
11.3
13.0
125
1812LS-184XJLC
180 @ 0.79 MHz
36 @ 0.79 MHz
9.3
14.2
120
1812LS-224XJLC
220 @ 0.79 MHz
38 @ 0.79 MHz
7.6
16.2
115
1812LS-274XJLC
270 @ 0.79 MHz
38 @ 0.79 MHz
8.3
20.5
105
1812LS-334XJLC
330 @ 0.79 MHz
38 @ 0.79 MHz
7.0
22.5
100
1812LS-394XJLC
390 @ 0.79 MHz
38 @ 0.79 MHz
5.2
24.5
90
1812LS-474XJLC
470 @ 0.79 MHz
38 @ 0.79 MHz
4.4
26.5
85
1812LS-564XJLC
560 @ 0.79 MHz
33 @ 0.79 MHz
2.8
28.5
75
1812LS-684XJLC
680 @ 0.79 MHz
25 @ 0.79 MHz
2.3
38.0
60
1812LS-824XJLC
820 @ 0.79 MHz
25 @ 0.79 MHz
2.1
41.0
55
1812LS-105XJLC
1000 @ 0.79 MHz
30 @ 0.79 MHz
1.9
44.0
50
HA403x-AL High Q
Inductance
SRF typ
DCR max
I
rms
Part number
±2% (nH)
Q typ
(MHz)
(Ohms)
(mA)
HA4031-ALC
150 @ 50 MHz
75 @ 50 MHz
860
0.100
1150
HA4032-ALC
180 @ 50 MHz
80 @ 50 MHz
850
0.105
1150
HA4033-ALC
220 @ 50 MHz
80 @ 50 MHz
700
0.110
940
HA4034-ALC
270 @ 50 MHz
85 @ 50 MHz
730
0.120
940
HA4035-ALC
330 @ 50 MHz
80 @ 50 MHz
600
0.135
850
HA4036-ALC
390 @ 50 MHz
80 @ 50 MHz
600
0.150
850
Dimensions (inches mm)
Series
A max
B max
C max
D ref
E
F
G
1206CS
0.140 3,56
0.085 2,16
0.060 1,52
0.020 0,51 0.056 1,42
0.020 0,51
0.080 2,03
1812CS
0.195 4,95
0.150 3,81
0.135 3,43
0.070 1,78 0.100 2,54
0.025 0,64
0.128 3,25
1812FS
0.231 5,87
0.196 4,98
0.150 3,81
0.107 2,72 0.100 2,54
0.025 0,64
0.128 3,25
1812LS
0.195 4,95
0.150 3,81
0.135 3,43
0.070 1,78 0.100 2,54
0.025 0,64
0.128 3,25
HA403x
0.195 4,95
0.150 3,81
0.135 3,43
0.070 1,78 0.100 2,54
0.025 0,64
0.128 3,25
PA669x
0.195 4,95
0.150 3,81
0.135 3,43
0.070 1,78 0.100 2,54
0.025 0,64
0.128 3,25
TA78xx
0.195 4,95
0.150 3,81
0.135 3,43
0.070 1,78 0.100 2,54
0.025 0,64
0.128 3,25
1812CS
Inductance
Percent
SRF min
DCR max
I
rms
Part number
(µH)
tolerance* Q typ
(MHz)
(Ohms)
(mA)
1812CS-102XJLC
1.0 @ 7.9 MHz
5
60 @ 50 MHz
310
1.2
480
1812CS-122XJLC
1.2 @ 7.9 MHz
5
62 @ 50 MHz
230
1.2
480
1812CS-152X_LC
1.5 @ 7.9 MHz
5,2
65 @ 50 MHz
210
1.6
430
1812CS-182XJLC
1.8 @ 7.9 MHz
5
68 @ 50 MHz
190
2.0
380
1812CS-222X_LC
2.2 @ 7.9 MHz
5,2
63 @ 50 MHz
170
2.2
340
1812CS-272X_LC
2.7 @ 7.9 MHz
5,2
63 @ 50 MHz
160
3.2
300
1812CS-332X_LC
3.3 @ 7.9 MHz
5,2
65 @ 50 MHz
145
3.8
270
1812CS-392X_LC
3.9 @ 7.9 MHz
5,2
69 @ 50 MHz
130
5.0
240
1812CS-472XJLC
4.7 @ 7.9 MHz
5
63 @ 50 MHz
115
5.4
230
1812CS-562XJLC
5.6 @ 7.9 MHz
5
59 @ 50 MHz
100
5.7
220
1812CS-682XJLC
6.8 @ 7.9 MHz
5
60 @ 50 MHz
90
6.6
210
1812CS-822X_LC
8.2 @ 7.9 MHz
5,2
47 @ 50 MHz
80
7.0
200
1812CS-103XJLC
10 @ 7.9 MHz
5
36 @ 50 MHz
70
7.7
190
1812CS-123XJLC
12 @ 2.5 MHz
5
35 @ 10 MHz
60
8.7
180
1812CS-153X_LC
15 @ 2.5 MHz
5,2
34 @ 10 MHz
50
9.6
170
1812CS-183XJLC
18 @ 2.5 MHz
5
30 @ 10 MHz
45
10.5
160
1812CS-223X_LC
22 @ 2.5 MHz
5,2
32 @ 10 MHz
40
11.5
155
1812CS-273XJLC
27 @ 2.5 MHz
5
29 @ 10 MHz
30
12.5
150
1812CS-333X_LC
33 @ 2.5 MHz
5,2
20 @ 10 MHz
20
13.5
145
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with the
proper tolerance code: F = 1%, G = 2%, J = 5%, K = 10%. (e.g. 1206CS-560XFEC for a 1% tolerance part.)
TA78xx/PA669x
Inductance
SRF typ
DCR max
I
rms
Part number
±2% (nH)
Q typ
(MHz)
(mOhms)
(mA)
TA7849-AEC
39 @ 50 MHz
49 @ 50 MHz
2487
120
1100
TA7850-AEC
47 @ 50 MHz
55 @ 50 MHz
1875
110
1100
TA7851-AEC
56 @ 50 MHz
55 @ 50 MHz
1908
126
920
TA7852-AEC
68 @ 50 MHz
55 @ 50 MHz
1972
149
900
PA6691-AEC
80 @ 50 MHz
61 @ 50 MHz
1345
140
900
PA6692-AEC
100 @ 50 MHz
62 @ 50 MHz
1245
160
860
PA6693-AEC
120 @ 50 MHz
67 @ 50 MHz
990
160
860
1206CS
Inductance
Percent
SRF min DCR max Irms
Part number
(nH)
tolerance* Q min
(MHz)
(Ohms)
(mA)
1206CS-030XJEC
3.3 @ 100 MHz
5
30 @ 300 MHz
6200
0.050
1000
1206CS-060XJEC
6.8 @ 100 MHz
5
30 @ 300 MHz
5500
0.070
1000
1206CS-100XJEC
10 @ 100 MHz
5
40 @ 300 MHz
4000
0.080
1000
1206CS-120X_EC
12 @ 100 MHz
5,2
40 @ 300 MHz
3200
0.080
1000
1206CS-150X_EC
15 @ 100 MHz
5,2
40 @ 300 MHz
3200
0.100
1000
1206CS-180X_EC
18 @ 100 MHz
5,2
50 @ 300 MHz
2800
0.100
1000
1206CS-220X_EC
22 @ 100 MHz
5,2
50 @ 300 MHz
2200
0.100
1000
1206CS-270X_EC
27 @ 100 MHz
5,2
50 @ 300 MHz
1800
0.110
1000
1206CS-330X_EC
33 @ 100 MHz
5,2
55 @ 300 MHz
1800
0.110
1000
1206CS-390X_EC
39 @ 100 MHz
5,2
55 @ 300 MHz
1800
0.120
1000
1206CS-470X_EC
47 @ 100 MHz
5,2
55 @ 300 MHz
1500
0.130
1000
1206CS-560X_EC
56 @ 100 MHz
5,2,1
55 @ 300 MHz
1450
0.140
1000
1206CS-680X_EC
68 @ 100 MHz
5,2,1
55 @ 300 MHz
1200
0.260
900
1206CS-820X_EC
82 @ 100 MHz
5,2,1
55 @ 300 MHz
1200
0.210
900
1206CS-101X_EC
100 @ 100 MHz
5,2,1
55 @ 300 MHz
1100
0.260
850
1206CS-121X_EC
120 @ 100 MHz
5,2,1
60 @ 300 MHz
1100
0.260
800
1206CS-151X_EC
150 @ 100 MHz
5,2,1
60 @ 300 MHz
950
0.310
750
1206CS-181X_EC
180 @ 50 MHz
5,2,1
60 @ 300 MHz
900
0.430
700
1206CS-221X_EC
220 @ 50 MHz
5,2,1
60 @ 300 MHz
760
0.500
670
1206CS-271X_EC
270 @ 50 MHz
5,2,1
55 @ 300 MHz
730
0.560
630
1206CS-331X_EC
330 @ 50 MHz
5,2,1
45 @ 150 MHz
650
0.620
590
1206CS-391X_EC
390 @ 50 MHz
5,2,1
45 @ 150 MHz
600
0.750
530
1206CS-471X_EC
470 @ 50 MHz
5,2,1
45 @ 150 MHz
550
1.30
490
1206CS-561X_EC
560 @ 35 MHz
5,2,1
45 @ 150 MHz
470
1.34
460
1206CS-621X_EC
620 @ 35 MHz
5,2,1
45 @ 150 MHz
470
1.58
460
1206CS-681X_EC
680 @ 35 MHz
5,2,1
45 @ 150 MHz
450
1.58
430
1206CS-751X_EC
750 @ 35 MHz
5,2,1
45 @ 150 MHz
440
2.25
320
1206CS-821X_EC
820 @ 35 MHz
5,2,1
45 @ 150 MHz
420
1.82
400
1206CS-911X_EC
910 @ 35 MHz
5,2,1
45 @ 150 MHz
410
2.95
310
1206CS-102X_EC
1000 @ 35 MHz
5,2,1
45 @ 150 MHz
400
2.80
320
1206CS-122X_EC
1200 @ 35 MHz
5,2,1
45 @ 150 MHz
380
3.20
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60