| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C366 bảng dữ liệu(PDF) 10 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C366 bảng dữ liệu(HTML) 10 Page - Coilcraft lnc. |
|
10 / 60 page ![]() 10 www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 1008CS Inductance Percent SRF min DCR max I rms Part number (nH) tolerance* Q min (MHz) (Ohms) (mA) 1008CS-100X_EC 10 @ 50 MHz 5,2 50 @ 500 MHz 4100 0.08 1000 1008CS-120X_EC 12 @ 50 MHz 5,2 50 @ 500 MHz 3300 0.09 1000 1008CS-150X_EC 15 @ 50 MHz 5,2 50 @ 500 MHz 2500 0.10 1000 1008CS-180X_EC 18 @ 50 MHz 5,2 50 @ 350 MHz 2500 0.11 1000 1008CS-220X_EC 22 @ 50 MHz 5,2,1 55 @ 350 MHz 2400 0.12 1000 1008CS-270X_EC 27 @ 50 MHz 5,2 55 @ 350 MHz 1600 0.13 1000 1008CS-330X_EC 33 @ 50 MHz 5,2 60 @ 350 MHz 1600 0.14 1000 1008CS-390X_EC 39 @ 50 MHz 5,2,1 60 @ 350 MHz 1500 0.15 1000 1008CS-470X_EC 47 @ 50 MHz 5,2,1 65 @ 350 MHz 1500 0.16 1000 1008CS-560X_EC 56 @ 50 MHz 5,2,1 65 @ 350 MHz 1300 0.18 1000 1008CS-680X_EC 68 @ 50 MHz 5,2,1 65 @ 350 MHz 1300 0.20 1000 1008CS-820X_EC 82 @ 50 MHz 5,2,1 60 @ 350 MHz 1000 0.22 1000 1008CS-101X_EC 100 @ 25 MHz 5,2,1 60 @ 350 MHz 1000 0.56 650 1008CS-121X_EC 120 @ 25 MHz 5,2,1 60 @ 350 MHz 950 0.63 650 1008CS-151X_EC 150 @ 25 MHz 5,2,1 45 @ 100 MHz 850 0.70 580 1008CS-181X_EC 180 @ 25 MHz 5,2,1 45 @ 100 MHz 750 0.77 620 1008CS-221X_EC 220 @ 25 MHz 5,2,1 45 @ 100 MHz 700 0.84 500 1008CS-271X_EC 270 @ 25 MHz 5,2,1 45 @ 100 MHz 600 0.91 500 1008CS-331X_EC 330 @ 25 MHz 5,2,1 45 @ 100 MHz 570 1.05 450 1008CS-391X_EC 390 @ 25 MHz 5,2,1 45 @ 100 MHz 500 1.12 470 1008CS-471X_EC 470 @ 25 MHz 5,2,1 45 @ 100 MHz 450 1.19 470 1008CS-561X_EC 560 @ 25 MHz 5,2,1 45 @ 100 MHz 415 1.33 400 1008CS-621X_EC 620 @ 25 MHz 5,2,1 45 @ 100 MHz 375 1.40 300 1008CS-681X_EC 680 @ 25 MHz 5,2,1 45 @ 100 MHz 375 1.47 400 1008CS-751X_EC 750 @ 25 MHz 5,2,1 45 @ 100 MHz 360 1.54 360 1008CS-821X_EC 820 @ 25 MHz 5,2,1 45 @ 100 MHz 350 1.61 400 1008CS-911X_EC 910 @ 25 MHz 5,2,1 35 @ 50 MHz 320 1.68 380 1008CS-102X_EC 1000 @ 25 MHz 5,2,1 35 @ 50 MHz 290 1.75 370 1008CS-122X_EC 1200 @ 7.9 MHz 5,2 35 @ 50 MHz 250 2.00 310 1008CS-132X_EC 1300 @ 7.9 MHz 5,2 25 @ 50 MHz 200 2.25 310 1008CS-152X_EC 1500 @ 7.9 MHz 5,2 28 @ 50 MHz 200 2.3 330 1008CS-182X_EC 1800 @ 7.9 MHz 5,2 28 @ 50 MHz 160 2.6 300 1008CS-222X_EC 2200 @ 7.9 MHz 5,2 28 @ 50 MHz 160 2.8 280 1008CS-272X_EC 2700 @ 7.9 MHz 5,2 22 @ 25 MHz 140 3.2 290 1008CS-332X_EC 3300 @ 7.9 MHz 5,2 22 @ 25 MHz 110 3.4 290 1008CS-392X_EC 3900 @ 7.9 MHz 5,2 20 @ 25 MHz 100 3.6 260 1008CS-472X_EC 4700 @ 7.9 MHz 5,2 20 @ 25 MHz 90 4.0 260 1008CS-562XJEC 5600 @ 7.9 MHz 5 16 @ 7.9 MHz 20 4.0 240 1008CS-682XJEC 6800 @ 7.9 MHz 5 18 @ 7.9 MHz 40 4.9 200 1008CS-822XJEC 8200 @ 7.9 MHz 5 18 @ 7.9 MHz 25 6.0 170 0805LS Ferrite Inductance Percent SRF min DCR max I rms Part number (µH) tolerance* Q min (MHz) (Ohms) (A) 0805LS-78NX_EC 0.078 @ 7.9 MHz 5,2 19 1440 0.042 2.0 0805LS-111X_EC 0.110 @ 7.9 MHz 5,2 19 1200 0.05 2.0 0805LS-471X_EC 0.470 @ 7.9 MHz 5,2 19 500 0.31 0.720 0805LS-681X_EC 0.680 @ 7.9 MHz 5,2 20 400 0.46 0.590 0805LS-102X_EC 1.0 @ 7.9 MHz 5,2 20 340 0.69 0.500 0805LS-122X_EC 1.2 @ 7.9 MHz 5,2 15 280 1.20 0.400 0805LS-152X_EC 1.5 @ 7.9 MHz 5,2 20 275 1.03 0.490 0805LS-182X_EC 1.8 @ 7.9 MHz 5,2 20 246 1.15 0.410 0805LS-222X_EC 2.2 @ 7.9 MHz 5,2 20 106 1.28 0.365 0805LS-272X_EC 2.7 @ 7.9 MHz 5,2 20 105 1.48 0.350 0805LS-332X_EC 3.3 @ 7.9 MHz 5,2 20 83 1.57 0.330 0805LS-392X_EC 3.9 @ 7.9 MHz 5,2 20 52 1.70 0.300 0805LS-472X_EC 4.7 @ 7.9 MHz 5,2 20 50 1.87 0.280 0805LS-682X_EC 6.8 @ 7.9 MHz 5,2 20 35 2.25 0.260 0805LS-822X_EC 8.2 @ 2.5 MHz 5,2 18 27 2.55 0.250 0805LS-103X_EC 10 @ 2.5 MHz 5,2 18 21 3.45 0.200 0805LS-153X_EC 15 @ 2.5 MHz 5,2 18 17 5.03 0.180 0805LS-223X_EC 22 @ 2.5 MHz 5,2 18 13 6.18 0.150 0805LS-273X_EC 27 @ 2.5 MHz 5,2 15 11 11.04 0.120 0805HT Low Profile Inductance Percent SRF min DCR max Irms Part number (nH) tolerance* Q min (MHz) (Ohms) (mA) 0805HT-1N8TJEC 1.8 @ 250 MHz 5 55 @ 1500 MHz 9400 0.030 800 0805HT-2N0TJEC 2.0 @ 250 MHz 5 55 @ 1000 MHz 11500 0.018 800 0805HT-3N9TJEC 3.9 @ 250 MHz 5 50 @ 1000 MHz 6100 0.055 800 0805HT-4N3TJEC 4.3 @ 250 MHz 5 80 @ 1000 MHz 6164 0.030 800 0805HT-4N7TJEC 4.7 @ 250 MHz 5 50 @ 1000 MHz 5500 0.060 800 0805HT-5N1TJEC 5.1 @ 250 MHz 5 45 @ 1000 MHz 6100 0.069 800 0805HT-5N6TJEC 5.6 @ 250 MHz 5 45 @ 1000 MHz 5800 0.091 800 0805HT-6N8TJEC 6.8 @ 250 MHz 5 50 @ 1000 MHz 4800 0.080 800 0805HT-7N5TJEC 7.5 @ 250 MHz 5 47 @ 1000 MHz 4600 0.082 800 0805HT-8N2TJEC 8.2 @ 250 MHz 5 50 @ 1000 MHz 4800 0.080 800 0805HT-9N1TJEC 9.1 @ 250 MHz 5 54 @ 750 MHz 3900 0.105 800 0805HT-10NT_EC 10 @ 250 MHz 5,2 55 @ 750 MHz 3300 0.080 800 0805HT-12NT_EC 12 @ 250 MHz 5,2 55 @ 750 MHz 3800 0.10 800 0805HT-15NT_EC 15 @ 250 MHz 5,2 50 @ 500 MHz 2950 0.10 800 0805HT-18NT_EC 18 @ 250 MHz 5,2 50 @ 500 MHz 3100 0.13 800 0805HT-20NT_EC 20 @ 250 MHz 5,2 50 @ 500 MHz 2700 0.17 800 0805HT-22NT_EC 22 @ 250 MHz 5,2 50 @ 500 MHz 2900 0.15 800 0805HT-27NT_EC 27 @ 250 MHz 5,2 50 @ 500 MHz 2450 0.19 700 0805HT-33NT_EC 33 @ 250 MHz 5,2 55 @ 500 MHz 2350 0.19 600 0805HT-39NT_EC 39 @ 250 MHz 5,2,1 55 @ 500 MHz 2200 0.27 600 0805HT-47NT_EC 47 @ 200 MHz 5,2,1 50 @ 500 MHz 2000 0.30 600 0805HT-56NT_EC 56 @ 200 MHz 5,2,1 50 @ 500 MHz 1850 0.39 500 0805HT-68NT_EC 68 @ 200 MHz 5,2,1 50 @ 500 MHz 1500 0.40 500 0805HT-82NT_EC 82 @ 150 MHz 5,2,1 50 @ 500 MHz 1500 0.44 500 0805HT-R10T_EC 100 @ 150 MHz 5,2 50 @ 500 MHz 1200 0.64 400 0805HT-R12T_EC 120 @ 150 MHz 5,2 40 @ 250 MHz 1150 0.68 300 0805HT-R15T_EC 150 @ 150 MHz 5,2 40 @ 250 MHz 1050 0.80 300 0805HT-R18T_EC 180 @ 150 MHz 5,2 40 @ 250 MHz 830 0.86 300 0805HT-R22T_EC 220 @ 150 MHz 5,2 39 @ 150 MHz 820 1.29 200 0805HT-R27T_EC 270 @ 150 MHz 5,2 33 @ 150 MHz 790 1.40 200 0805HT-R33T_EC 330 @ 150 MHz 5,2 32 @ 150 MHz 730 1.93 200 0805HT-R39T_EC 390 @ 100 MHz 5,2 30 @ 150 MHz 675 2.80 200 0805HT-R47T_EC 470 @ 100 MHz 5,2 30 @ 150 MHz 610 3.10 200 0805HT-R50T_EC 500 @ 50 MHz 5,2 20 @ 50 MHz 585 3.20 200 0805HQ High Q Inductance Percent SRF min DCR max I rms Part number (nH) tolerance* Q min (MHz) (Ohms) (A) 0805HQ-2N5XJEC 2.5 @ 250 MHz 5 80 10300 0.020 1.6 0805HQ-5N6XJEC 5.6 @ 250 MHz 5 98 6100 0.035 1.6 0805HQ-6N2XJEC 6.2 @ 250 MHz 5 88 4750 0.035 1.6 0805HQ-12NXJEC 12 @ 250 MHz 5 80 3000 0.045 1.6 0805HQ-16NX_EC 16 @ 250 MHz 5,2 72 2950 0.060 1.5 0805HQ-18NX_EC 18 @ 250 MHz 5,2 75 2550 0.060 1.4 0805HQ-20NX_EC 20 @ 250 MHz 5,2 70 2050 0.055 1.4 0805HQ-27NX_EC 27 @ 250 MHz 5,2 75 2000 0.070 1.3 0805HQ-30NX_EC 30 @ 250 MHz 5,2 65 1950 0.095 1.2 0805HQ-39NX_EC 39 @ 250 MHz 5,2 65 1600 0.110 1.1 0805HQ-48NX_EC 48 @ 200 MHz 5,2 65 1400 0.095 1.2 0805HQ-51NX_EC 51 @ 200 MHz 5,2 65 1400 0.120 1.0 1008AF High Current Inductance Percent SRF min DCR max I sat I rms Part number (µH) tolerance* Q typ (MHz) (Ohms) (A) (A) 1008AF-901X_RC 0.9 @ 2.5 MHz 10,5 25 415 0.100 1.4 1.3 1008AF-112X_RC 1.1 @ 2.5 MHz 10,5 24 376 0.105 1.3 1.2 1008AF-132X_RC 1.3 @ 2.5 MHz 10,5 37 198 0.110 1.2 1.1 1008AF-152X_RC 1.5 @ 2.5 MHz 10,5 22 135 0.125 1.1 1.0 1008AF-192X_RC 1.9 @ 2.5 MHz 10,5 29 126 0.140 1.0 1.0 1008AF-222X_RC 2.2 @ 2.5 MHz 10,5 21 106 0.155 0.95 0.95 1008AF-272X_RC 2.7 @ 2.5 MHz 10,5 22 70 0.190 0.80 0.90 1008AF-332X_RC 3.3 @ 2.5 MHz 10,5 21 59 0.210 0.75 0.80 1008AF-392X_RC 3.9 @ 2.5 MHz 10,5 21 55 0.220 0.70 0.80 1008AF-472X_RC 4.7 @ 2.5 MHz 10,5 27 48 0.435 0.70 0.65 1008AF-582X_RC 5.8 @ 2.5 MHz 10,5 21 37 0.280 0.55 0.75 1008AF-682X_RC 6.8 @ 2.5 MHz 10,5 28 33 0.315 0.50 0.70 1008AF-822X_RC 8.2 @ 2.5 MHz 10,5 22 33.8 0.340 0.50 0.65 1008AF-103X_RC 10.0 @ 2.5 MHz 10,5 24 22 0.460 0.45 0.55 NEW! 0805RB Ferrite Inductance Impedance typ SRF typ DCR max I rms Part number (µH) 900 MHz 1.7 GHz (MHz) (mOhms) (mA) 0805RB-121XMRC 0.19 @ 7.9 MHz 2900 1000 1000 130 1200 0805RB-151XMRC 0.24 @ 7.9 MHz 4200 1060 970 150 1100 0805RB-221XMRC 0.33 @ 7.9 MHz 2360 660 650 180 1000 0805RB-331XMRC 0.53 @ 7.9 MHz 3300 920 650 235 900 0805RB-421XMRC 0.66 @ 7.9 MHz 2100 760 550 245 850 0805RB-471XMRC 0.75 @ 7.9 MHz 2000 760 530 295 800 0805RB-601XMRC 0.95 @ 7.9 MHz 2125 840 500 385 700 0805RB-751XMRC 1.20 @ 7.9 MHz 1900 770 440 405 650 0805RB-102XMRC 1.60 @ 7.9 MHz 1700 710 375 810 450 0805RB-152XMRC 2.35 @ 7.9 MHz 1600 960 310 1160 425 0805RB-222XMRC 2.60 @ 7.9 MHz 1000 900 150 1200 350 0805RB-272XMRC 2.87 @ 7.9 MHz 475 830 100 1320 325 |