| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ABB0205SC bảng dữ liệu(PDF) 6 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ABB0205SC bảng dữ liệu(HTML) 6 Page - Abracon Corporation |
|
6 / 6 page ![]() ABB0205 Low Skew Output Buffer 30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 6 PACKAGE INFORMATION ORDERING INFORMATION Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur- nished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the accuracy of said infor- mation and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: Abracon’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of Abracon Corporation. For part ordering, please contact our Sales Department: 30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range ABB0205 S C Order Number Marking Package Option ABB0205SC-T ABB0205SC SOIC - Tape and Reel ABB0205SC ABB0205SC SOIC - Tube PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRIAL PACKAGE TYPE S=SOIC C L A 8 PIN Narrow SOIC ( mm ) SOIC Symbol Min. Max. A 1.55 1.73 A1 0.15 0.18 B 0.35 0.49 C 0.19 0.25 D 4.80 4.98 E 3.81 3.99 H 5.84 6.20 L 0.41 0.89 e 1.27 BSC E H D A 1 e B |