| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ABB0205SC bảng dữ liệu(PDF) 5 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ABB0205SC bảng dữ liệu(HTML) 5 Page - Abracon Corporation |
|
5 / 6 page ![]() ABB0205 Low Skew Output Buffer 30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 5 Output-Output Skew REF CLKOUT The skew between CLKOUT and the CLK(1-4) outputs is not dynamically adjusted by the PLL. Since CLKOUT is one of the inputs to the PLL, zero phase difference is maintained from REF to CLKOUT. If all outputs are equally loaded, zero phase difference will maintained from REF to all outputs. If applications requiring zero output-output skew, all the outputs must equally loaded. If the CLK(1-4) outputs are less loaded than CLKOUT, CLK(1-4) outputs will lead it; if the CLK(0-4) is more loaded than CLKOUT, CLK(1-4) will lag the CLKOUT. Since the CLKOUT and the CLK(1-4) outputs are identical, they all start at the same time, but difference loads cause them to have different rise times and different times crossing the measurement thresholds. CLK(1-4) Zero Delay REF CLKOUT CLK(1-4) Advanced REF CLKOUT CLK(1-4) Delayed REF input and all outputs loaded equally REF input and CLK(1-4) outputs loaded equally, with CLK(1-4) less loaded than CLKOUT. REF input and CLK(1-4) outputs loaded equally, with CLK(1-4) more loaded than CLKOUT. |