công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A1696PKHTN-FNLPTHCD bảng dữ liệu(PDF) 10 Page - Allegro MicroSystems

tên linh kiện A1696PKHTN-FNLPTHCD
Giải thích chi tiết về linh kiện  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTHCD bảng dữ liệu(HTML) 10 Page - Allegro MicroSystems

Back Button A1696PKHTN-FNLPTHCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 9Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 10Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 11Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 12Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 13Page - Allegro MicroSystems A1696PKHTN-FNLPTHCD Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Position Sensor IC with Speed and Direction Output
A1696PKH
10
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
STOP & GO MODE
In certain engine management applications, it is possible for large
temperature changes to occur while the target is stationary. These
temperature changes can affect the differential magnetic signals.
The Stop & Go algorithm compensates for such shifts in the pro-
cessed signal. Once normal rotation resumes, the part will return
to running mode.
APPLICATION INFORMATION
Power Supply Protection
The A1696 contains an on-chip regulator and can operate across a
wide supply voltage range. Figure 2 shows the minimum external
circuitry needed for proper operation of the sensor IC. This ease
of use reduces design time and incremental assembly costs for
most applications. Contact Allegro MicroSystems for information
on EMC specification compliance.
Target Design
The A1696 is designed to provide highly accurate switching at
each switching feature detected, including switching at the first
switching feature after power-on, as well as at the first switching
feature after a reversal in the direction of target rotation. To sup-
port this functionality, the target must generate a trio of differen-
tial magnetic profiles, such that the two direction channels have
discernible leading/lagging characteristics. The direction of rota-
tion is determined by comparing the spatial separation between
the differential magnetic profiles of the two direction channels.
SIGNAL DIFFERENTIATION AT SWITCHING FEATURES
The optimal separation between the profiles of the two differen-
tial direction signals occurs when the corresponding magnetic
profiles are in quadrature; this is illustrated in Figure 10. Quadra-
ture profiles can be achieved when the target pitch of the switch-
ing feature is approximately equal to twice the distance between
the midpoints of the two direction channels, that is, the distance
between the midpoint of Hall elements E1 and E2 and the mid-
point of Hall elements E2 and E3. This equates to 2.5 mm.
For the A1696, a switching feature can either be magnetic north
and/or magnetic south of a ring magnet depending on the Output
Pulse Location. This translates to either a positive or negative
slope on the Speed channel magnetic signal, and the output
switching occurs at the BST point. The BST point is programma-
ble depending on target type; see Programmable Options Table.
Either differential direction channel can be leading or lagging the
other, depending on the relative direction of target rotation. When
a switching feature is adjacent to the device, i.e., the Speed chan-
nel crosses the BST point, the difference between the differential
direction signals must be at least 35% of the peak-to-peak ampli-
tude in the sequential regions, BSEQ. The difference between
the differential direction signals is programmable depending on
target type; see Programmable Options Table. The sequential
region refers to the target areas where the switching features are
periodic and of uniform configuration, and therefore generating a
consistent magnetic profile; see Figure 6.
NON-SWITCHING FEATURES
When non-switching features are adjacent to the device, the
constraints on the differential magnetic signals are less stringent,
because no output pulses are generated. However, channel signal
separation greater than zero must be maintained so that the lead-
ing/lagging relationship of the differential magnetic signals is not
reversed.
USE OF SIGNATURE REGIONS
Signature regions are target features that are disproportionately
long relative to the sequential features. As a result, they can gen-
erate differential signal peaks that differ from the peaks gener-
ated by the sequential regions; see Figure 6. The device accom-
modates these peaks and switching occurs at relatively the same
switchpoint as on the sequential features. The effect of a signature
region would be a delay in reaching the next switch point.
The extension of the signal period significantly reduces the slope
of the magnetic gradient around the midpoint of a signature fea-
ture. In fact, for relatively large signature features, the magnetic
gradient can become flat, as shown in Figure 6. The flat magnetic
signal also makes it difficult to maintain the necessary channel
separation required for a switching feature. For these reasons,
the device accommodates only signature features that are non-
switching features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com