công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD3552RFMC2Z bảng dữ liệu(PDF) 55 Page - Analog Devices

tên linh kiện EVAL-AD3552RFMC2Z
Giải thích chi tiết về linh kiện  Single Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3552RFMC2Z bảng dữ liệu(HTML) 55 Page - Analog Devices

Back Button EVAL-AD3552RFMC2Z Datasheet HTML 51Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 52Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 53Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 54Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 55Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 56Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 57Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 58Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
Data Sheet
AD3551R
REGISTERS
analog.com
Rev. A | 55 of 59
DAC Register for Channel 0, Precision Mode
Address: 0x38, Reset: 0x000000, Name: CH0_DAC_24B
This register contains the data currently played on DAC Channel 0.
Table 51. Bit Descriptions for CH0_DAC_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
DAC_DATA0
Channel 0 DAC Data.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R
DAC Page Register, Precision Mode
Address: 0x3E, Reset: 0x000000, Name: DAC_PAGE_24B
This register is provided for compatibility with multichannel chips of this family.
Table 52. Bit Descriptions for DAC_PAGE_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
DAC_PAGE
DAC Page Data. Following a write to this register, the DAC code loaded into this register is
copied into the DAC register if the SEL_CH0 bit is set in the CH_SELECT_24B register.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R
Channel Select for Page Registers, Precision Mode
Address: 0x41, Reset: 0x00, Name: CH_SELECT_24B
This register is provided for compatibility with multichannel chips of this family.
Table 53. Bit Descriptions for CH_SELECT_24B
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
SEL_CH0
Select Channel 0. When this bit is set, data written to the INPUT_PAGE_24B register is
copied to the CH0_INPUT_24B register and data written to the DAC_PAGE_24B register is
copied to the CH0_DAC_24B register.
0x0
R/W
0 No operation.
1 Copy to corresponding register in Channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com