công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD3552RFMC2Z bảng dữ liệu(PDF) 46 Page - Analog Devices

tên linh kiện EVAL-AD3552RFMC2Z
Giải thích chi tiết về linh kiện  Single Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3552RFMC2Z bảng dữ liệu(HTML) 46 Page - Analog Devices

Back Button EVAL-AD3552RFMC2Z Datasheet HTML 42Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 43Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 44Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 45Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 46Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 47Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 48Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 49Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
Data Sheet
AD3551R
REGISTERS
analog.com
Rev. A | 46 of 59
Table 34. Bit Descriptions for INTERFACE_STATUS_A (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
(when this error flag is set, it can only be reset by writing a
1 to this bit).
0 Clock count error not detected.
1 Clock count error detected.
4
RESERVED
Reserved.
0x0
R
3
INVALID_OR_NO_CRC
Invalid CRC or No CRC Received. This is set when the
master fails to send a CRC or when the device calculates
and checks the CRC and finds its value is incorrect. This
error flag is write‑1‑to‑clear (when this error flag is set, it
can only be reset by writing a 1 to this bit).
0x0
R/W1C
0 CRC error not detected.
1 CRC error detected.
2
WRITE_TO_READ_ONLY_REGISTER
Write to Read-Only Register Attempted. This bit indicates
if the digital host attempts an SPI write to a register that
contains exclusively read only fields. This error flag is
write‑1‑to‑clear (when this error flag is set, it can only be
reset by writing a 1 to this bit).
0x0
R/W1C
0 No error.
1 Write to read-only register detected.
1
PARTIAL_REGISTER_ACCESS
Partial Register Access Error Flag. This bit is asserted
when there are not enough bytes of data in a transaction
addressed to a multibyte register. This error flag is
write‑1‑to‑clear (when this error flag is set, it can only
be reset by writing a 1 to this bit).
0x0
R/W1C
0 Partial access error not detected.
1 Partial access error detected.
0
REGISTER_ADDRESS_INVALID
Register Invalid Address Error Flag. Indicates if an SPI
read or write transaction was attempted on an invalid
register address. This error flag is write‑1‑to‑clear (when
this error flag is set, it can only be reset by writing a 1 to
this bit).
0x0
R/W1C
0 Invalid address error not detected.
1 Invalid address error detected.
Interface Configuration D Register
Address: 0x14, Reset: 0x04, Name: INTERFACE_CONFIG_D
This register contains miscellaneous configuration bits affecting SPI communication and electrical parameters of digital signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com