| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TESEO-LIV3FL bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TESEO-LIV3FL bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 34 page ![]() 18 Labeling information The Teseo-LIV3FL marking—shown in the following figure—reports product information. Figure 9. Labeling information of Teseo-LIV3FL Item descriptions are reported in the following table. Table 11. Labeling information description Items Description Internal production code Information code related only to the production line QR sample code QR sample code used for traceability information of any parts Product name Official product name for ordering code Pin 1 hole Hole on the shield to identify pin 1 Teseo-LIV3FL Labeling information DS13881 - Rev 4 page 25/34 |