| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPMIC25APQR bảng dữ liệu(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR bảng dữ liệu(HTML) 122 Page - STMicroelectronics |
|
122 / 145 page ![]() 6.8.18 NVM pull-down control shadow register 3 (NVM_PD_SHR3) Table 98. NVM_PD_SHR3 7 6 5 4 3 2 1 0 LDO8_PD LDO7_PD LDO6_PD LDO5_PD LDO4_PD LDO3_PD LDO2_PD LDO1_PD R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0xAB • Default: Depends on the PMIC part number • Description: NVM pull-down control shadow register 3. The content of this register is copied into LDOS_PD_CR1 in the INIT&LOAD and the CHECK&LOAD states. [7] LDO8_PD: 0: no pull-down 1: pull-down active when LDO8 is disabled (EN = 0) [6] LDO7_PD: 0: no pull-down 1: pull-down active when LDO7 is disabled (EN = 0) [5] LDO6_PD: 0: no pull-down 1: pull-down active when LDO6 is disabled (EN = 0) [4] LDO5_PD: 0: no pull-down 1: pull-down active when LDO5 is disabled (EN = 0) [3] LDO4_PD: 0: no pull-down 1: pull-down active when LDO4 is disabled (EN = 0) [2] LDO3_PD: 0: no pull-down 1: pull-down active when LDO3 is disabled (EN = 0) [1] LDO2_PD: 0: no pull-down 1: pull-down active when LDO2 is disabled (EN = 0) [0] LDO1_PD: 0: no pull-down 1: pull-down active when LDO1 is disabled (EN = 0) STPMIC25 Register descriptions DS14278 - Rev 3 page 122/145 |