| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IPS8200HQ bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IPS8200HQ bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 36 page ![]() 10 LED driving array The LED driving array carries out the status of the output channels (ON or OFF). Figure 15. LED driving array ROW0 ROW1 ROW2 ROW3 VREG STATUS1 STATUS2 STATUS4 STATUS6 STATUS8 STATUS3 STATUS5 STATUS7 GIPG030420151307LM The following equation is an indication of how to choose the Rext resistor value: Rext= (VCOLmin) - (VROWmax) - VF(LED) / IF(LED) where IF(LED) ≤ 7 mA and (VCOLmin) and (VROWmax) can be found in Table 10; VF(LED) and IF(LED) depend on the electrical characteristics of the LEDs. IPS8200HQ, IPS8200HQ-1 LED driving array DS14313 - Rev 2 page 21/36 |