công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IPS8200HQ bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện IPS8200HQ
Giải thích chi tiết về linh kiện  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 8Page - STMicroelectronics IPS8200HQ Datasheet HTML 9Page - STMicroelectronics IPS8200HQ Datasheet HTML 10Page - STMicroelectronics IPS8200HQ Datasheet HTML 11Page - STMicroelectronics IPS8200HQ Datasheet HTML 12Page - STMicroelectronics IPS8200HQ Datasheet HTML 13Page - STMicroelectronics IPS8200HQ Datasheet HTML 14Page - STMicroelectronics IPS8200HQ Datasheet HTML 15Page - STMicroelectronics IPS8200HQ Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
5
Reverse polarity protection
Reverse polarity protection can be implemented on the board using two different solutions:
1.
Placing a resistor (RGND) between the IC GND pin and load GND
2.
Placing a diode between the IC GND pin and load GND
If option 1 is selected, the minimum resistance value has to be selected according to the following equation:
RGND ≥ VCC / IGND
where IGND is the DC reverse ground pin current and can be found in Section 3 of this datasheet.
Power dissipated by RGND (when VCC < 0: during reverse polarity situations) is:
PD = (VCC)2/RGND
If option 2 is selected, the diode has to be chosen by taking into account VRRM >|VCC| and its power dissipation
capability:
PD ≥ IS*VF
Note:
In normal conditions (no reverse polarity), due to the diode, there is a voltage drop between GND of the device
and GND of the system.
Figure 6. Reverse polarity protection
RGND
GND
Outputi
Load
Diode
Intputi
+Vcc
Statusi
GIPG020420151344LM
This schematic can be used with any type of load.
IPS8200HQ, IPS8200HQ-1
Reverse polarity protection
DS14313 - Rev 2
page 12/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com