công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRT2S-C bảng dữ liệu(PDF) 95 Page - PANDUIT CORP.

tên linh kiện PRT2S-C
Giải thích chi tiết về linh kiện  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C bảng dữ liệu(HTML) 95 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 91Page - PANDUIT CORP. PRT2S-C Datasheet HTML 92Page - PANDUIT CORP. PRT2S-C Datasheet HTML 93Page - PANDUIT CORP. PRT2S-C Datasheet HTML 94Page - PANDUIT CORP. PRT2S-C Datasheet HTML 95Page - PANDUIT CORP. PRT2S-C Datasheet HTML 96Page - PANDUIT CORP. PRT2S-C Datasheet HTML 97Page - PANDUIT CORP. PRT2S-C Datasheet HTML 98Page - PANDUIT CORP. PRT2S-C Datasheet HTML 99Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
95
Most commonly used parts appear in BOLD.
*Order the number of mounts required in multiples of package quantities.
‡Part Numbers listed are for Standard Materials in Standard Package Quantity. For Bulk package part numbers, see page 137-138.
**Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate, S = Standard, HS = Heavy Standard, LH = Light-Heavy and H = Heavy.
"For use with most common screw types except flat head.
Cable Tie Plates
Screw applied. Each tie plate has a slotted mounting hole to
accommodate various fastener spacings.
Part
Number‡
Used
With
Cable
Ties**
Dimensions
in. (mm)
Color &
Material
Where
Used
Mounting
Method
"
Screw
Size
Packaging*
A
BCDE
F
G
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
TP2-C
M, I, S, HS
1.98
(50.3)
.50
(12.7)
.125
(3.2)
.200
(5.1)
.40
(10.2)
.200
(5.1)
1.60
(40.6)
Natural
Nylon 6.6
Indoors
#10 (M5)
100
1000
1000
5000
TP4H-C
3.08
(78.2)
.62
(15.7)
.203
(5.2)
.270
(6.9)
.31
(7.9)
.270
(6.9)
2.50
(63.5)
1/4 (M6)
100
1000
500
2500
Multiple Tie Plates
Screw applied. Used to secure closely spaced wire bundles.
B
D (Dia)
G
E
F
A
C
C
F
E
B
A
D
Tie Plates
Part Number‡
No.
of
Bdls.
Used
With
Cable
Ties**
Dimensions
in. (mm)
Material
&
Where
Used
Mil. Std.
Part No.
Mounting
Method
"
Screw
Size
Packaging*
AB
CD
E
F
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MTP1S-E6-C
MTP1S-E10-C
1
M, I, S
1.75
(44.5)
.50
(12.7)
.125
(3.2)
1.25
(31.8)
.220 (5.58) .147 (3.73)
Natural
Nylon 6.6,
Indoors
MS3339-1
—
#6 (M3)
——
100
1000
.330 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP1H-E6-C
MTP1H-E10-C
M, I, S,
HS, LH, H
2.09
(53.1)
.62
(15.7)
.203
(5.2)
1.50
(38.1)
.220 (5.58) .147 (3.73)
MS3339-6
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP2S-E6-C
MTP2S-E10-C
2
M, I, S
3.00
(76.2)
.50
(12.7)
.125
(3.2)
1.25
(31.8)
.220 (5.58) .147 (3.73)
MS3339-2
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP2H-E6-C
MTP2H-E10-C
M, I, S,
HS, LH, H
3.59
(91.2)
.62
(15.7)
.203
(5.2)
1.50
(38.1)
.220 (5.58) .147(3.73)
MS3339-7
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP3S-E6-C
MTP3S-E10-C
3
M, I, S
4.25
(108.0)
.50
(12.7)
.125
(3.2)
1.25
(31.8)
.220 (5.58) .147 (3.73)
MS3339-3
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP3H-E6-C
MTP3H-E10-C
M, I, S,
HS, LH, H
5.09
(129.3)
.62
(15.7)
.203
(5.2)
1.50
(38.1)
.220 (5.58) .147 (3.73)
MS3339-8
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP4S-E6-C
MTP4S-E10-C
4
M, I, S
5.50
(139.7)
.50
(12.7)
.125
(3.2)
1.25
(31.8)
.220 (5.58) .147 (3.73)
MS3339-4
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP4H-E6-C
MTP4H-E10-C
M, I, S,
HS, LH, H
6.59
(167.4)
.62
(15.7)
.203
(5.2)
1.50
(38.1)
.220 (5.58) .147 (3.73)
MS3339-9
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP5S-E6-C
MTP5S-E10-C
5
M, I, S
6.75
(171.5)
.50
(12.7)
.125
(3.2)
1.25
(31.8)
.220 (5.58) .147 (3.73)
MS3339-5
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP5H-E6-C
MTP5H-E10-C
M, I, S,
HS, LH, H
8.09
(205.5)
.62
(15.7)
.203
(5.2)
1.50
(38.1)
.220 (5.58) .147 (3.73)
MS3339-10
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000
MTP6H-E6-C
MTP6H-E10-C
6
M, I, S,
HS, LH, H
9.59
(243.6)
.62
(15.7)
.220 (5.58) .147 (3.73)
MS3339-11
—
#6 (M3)
——
100
1000
.300 (7.62) .200 (5.08)
#10 (M5)
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More