công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRT2S-C bảng dữ liệu(PDF) 85 Page - PANDUIT CORP.

tên linh kiện PRT2S-C
Giải thích chi tiết về linh kiện  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C bảng dữ liệu(HTML) 85 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 81Page - PANDUIT CORP. PRT2S-C Datasheet HTML 82Page - PANDUIT CORP. PRT2S-C Datasheet HTML 83Page - PANDUIT CORP. PRT2S-C Datasheet HTML 84Page - PANDUIT CORP. PRT2S-C Datasheet HTML 85Page - PANDUIT CORP. PRT2S-C Datasheet HTML 86Page - PANDUIT CORP. PRT2S-C Datasheet HTML 87Page - PANDUIT CORP. PRT2S-C Datasheet HTML 88Page - PANDUIT CORP. PRT2S-C Datasheet HTML 89Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
85
Most commonly used parts appear in BOLD.
*Parts shown for Std. Pkg. Qtys. Order number of mounts required in multiples of package quantities.
‡Part Numbers listed are for Standard Materials in Standard Package Quantity.
For Bulk packag e part numbers, see page 137-138.
C able tie cross section sizes: M = Miniature and I = Intermediate.
Adhesive Backed Cable Tie Mounts
Lower your installed costs with fast, easy-to-install PANDUIT ®
adhesive-backed cable tie mounts. Four-way tie entry for easy
orientation of wires or cables. PANDUIT ® mounts are produced
2-up, 4-up, and with tear tabs for fast and easy liner removal to
speed installation. For additional holding strength use #6 (M3)
screws in the mounting hole(s). For specific information on
adhesive properties and technical data on mount selection,
see page 134-136.
Part Number‡
Used With
Cable Ties**
Dimensions
in. (mm)
Material
Color
Where
Used
Adhesive
Type/Static
Load lbs. (g)
Packaging*
AB
C
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
ABM1M-A-C
M.50
(12.7)
.50
(12.7)
.16
(4.0)
Nylon 6.6
White
Indoors
Rubber
.13 (59)
100
500
1000
5000
ABM1M-AT-C
M.50
(12.7)
.50
(12.7)
.16
(4.0)
Nylon 6.6
White
Indoors/
High Temp.
Acrylic
.13 (59)
100
500
1000
5000
ABMM-A-C
M, I
.75
(19.1)
.75
(19.1)
.18
(4.6)
ABS
White
Indoors
Rubber
.30 (136)
100
500
500
5000
ABMM-A-C20
M, I
.75
(19.1)
.75
(19.1)
.18
(4.6)
ABS
Black
Indoors
Rubber
.30 (136)
100
500
—
—
ABMM-AT-C
M, I
.75
(19.1)
.75
(19.1)
.18
(4.6)
ABS
White
Indoors/
High Temp.
Acrylic
.30 (136)
100
500
500
5000
ABMM-AT-C0
M, I
.75
(19.1)
.75
(19.1)
.18
(4.6)
ABS
Black
Outdoors/
High Temp.
Acrylic
.30 (136)
100
500
500
5000
4-Way Adhesive Backed Mounts
ABM1M
ABMM
C
B
A
C
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More