| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS19480 bảng dữ liệu(PDF) 2 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS19480 bảng dữ liệu(HTML) 2 Page - Allegro MicroSystems |
|
2 / 14 page ![]() Large Air Gap, GMR Transmission Speed Sensor IC for Gear Tooth Sensing ATS19480 2 Allegro MicroSystems 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com SELECTION GUIDE Part Number Packing Fault Detection Mode ATS19480LSNBTN-A Tape and reel, 13-in. reel, 800 pieces per reel Enabled ATS19480LSNBTN Tape and reel, 13-in. reel, 800 pieces per reel Disabled ABSOLUTE MAXIMUM RATINGS Characteristic Symbol Notes Rating Units Supply Voltage VCC Refer to Power Derating section 28 V Reverse Supply Voltage VRCC –18 V Operating Ambient Temperature TA Range L –40 to 150 °C Maximum Junction Temperature TJ(max) 165 °C Storage Temperature Tstg –65 to 170 °C Externally Applied Magnetic Flux Density B In any direction 500 G |