| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS19480 bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS19480 bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems |
|
1 / 14 page ![]() • Fully integrated solution has GMR IC, protection capacitor, and back-bias magnet in a single in-line overmolded package • Innovative GMR technology provides large operational air gap sensing on ferromagnetic targets • Advanced algorithms for flexible design-in and system compensation, automatically adapts to extreme mechanical changes (air gap) and thermal drifts • Measures differentially to reject common-mode stray magnetic fields • Orientation compatible with Hall-effect technology • Integrated ASIL diagnostics and certified safety design process (optional fault reporting) The ATS19480 is a giant magnetoresistance (GMR) integrated circuit (IC) that provides a user-friendly two-wire solution for applications where speed information is required using ferromagnetic gear tooth targets. The fully integrated package includes the GMR IC, a protection capacitor for EMC robustness, and a back-bias magnet in a single in-line package. The GMR-based IC is designed for use with ferromagnetic gear tooth targets and is orientation-compatible with Hall-effect technology. The fully integrated solution senses at large operating air gaps and over a large air gap range. State-of-the-art GMR technology on a monolithic IC with industry-leading signal processing provides accurate speed information in response to low-level differential magnetic signals. The differential sensing offers inherent rejection of interfering common-mode magnetic fields. Integrated diagnostics are used to detect an IC failure that would impact output protocol accuracy, providing coverage compatible with ASIL B (assessment pending). Built-in EEPROM scratch memory offers traceability of the device throughout the IC’s product lifecycle. ASIL reporting can be enabled or disabled as a product offering depending on the applications’ needs. The ATS19480 is provided in a lead (Pb) free 3-pin SIP package with tin leadframe plating. The SN package includes a GMR IC, a magnet, and capacitor integrated into a single overmold, with an additional molded lead-stabilizing bar for robust shipping and ease of assembly. ATS19480-DS, Rev. 2 MCO-0001063 Large Air Gap, GMR Transmission Speed Sensor IC for Gear Tooth Sensing PACKAGE: Functional Block Diagram Not to scale ATS19480 + - Oscillator ADC Digital Controller Output Current Generator ESD VCC GND EEPROM Front End Amplification Analog-to-Digital and Signal Conditioning Regulator GMR Elements Diagnostics FEATURES AND BENEFITS DESCRIPTION September 1, 2022 2 - 3-pin SIP (suffix SN) |
Số phần tương tự - ATS19480 |
|
Mô tả tương tự - ATS19480 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |