công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3217 bảng dữ liệu(PDF) 12 Page - Linear Technology

tên linh kiện LTC3217
Giải thích chi tiết về linh kiện  600mA Low Noise Multi-LED Camera Light Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3217 bảng dữ liệu(HTML) 12 Page - Linear Technology

Back Button LTC3217 Datasheet HTML 4Page - Linear Technology LTC3217 Datasheet HTML 5Page - Linear Technology LTC3217 Datasheet HTML 6Page - Linear Technology LTC3217 Datasheet HTML 7Page - Linear Technology LTC3217 Datasheet HTML 8Page - Linear Technology LTC3217 Datasheet HTML 9Page - Linear Technology LTC3217 Datasheet HTML 10Page - Linear Technology LTC3217 Datasheet HTML 11Page - Linear Technology LTC3217 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC3217
12
3217f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0805 500 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1618
Constant Current, Constant Voltage, 1.4MHz
Up to 16 White LEDs, VIN: 1.6V to 18V, VOUT(MAX) = 34V, IQ = 1.8mA,
High Efficiency Boost Regulator
ISD ≤ 1µA, 10-Lead MS Package
LTC1911-1.5
250mA (IOUT), 1.5MHz High Efficiency
75% Efficiency, VIN: 2.7V to 5.5V, VOUT(MAX) = 1.5V/1.8V, IQ = 180µA,
Step-Down Charge Pump
ISD ≤ 10µA, MS8 Package
LT1932
Constant Current, 1.2MHz High Efficiency
Up to 8 White LEDs, VIN: 1V to 10V, VOUT(MAX) = 34V, IQ = 1.2mA,
White LED Boost Regulator
ISD ≤ 1µA, ThinSOT
TM Package
LT1937
Constant Current, 1.2MHz High Efficiency
Up to 4 White LEDs, VIN: 2.5V to 10V, VOUT(MAX) = 34V, IQ = 1.9mA,
White LED Boost Regulator
ISD ≤ 1µA, ThinSOT, SC70 Packages
LTC3200-5
Low Noise, 2MHz Regulated Charge Pump
Up to 6 White LEDs, VIN: 2.7V to 4.5V, VOUT(MAX) = 5V, IQ = 8mA,
White LED Driver
ISD ≤ 1µA, ThinSOT Package
LTC3201
Low Noise, 1.7MHz Regulated Charge Pump
Up to 6 White LEDs, VIN: 2.7V to 4.5V, VOUT(MAX) = 5V, IQ = 6.5mA,
White LED Driver
ISD ≤ 1µA, 10-Lead MS Package
LTC3202
Low Noise, 1.5MHz Regulated Charge Pump
Up to 8 White LEDs, VIN: 2.7V to 4.5V, VOUT(MAX) = 5V, IQ = 5mA,
White LED Driver
ISD ≤ 1µA, 10-Lead MS Package
LTC3205
Multidisplay LED Controller
92% Efficiency, VIN: 2.8V to 4.5V, IQ = 50µA, ISD ≤ 1µA,
(4mm
× 4mm) QFN Package
LTC3206
I2C Multidisplay LED Controller
92% Efficiency, 400mA Continuous Output Current. Up to 11 White LEDs
in (4mm
× 4mm) QFN Package
LTC3208
High Current Software Configurable Multidisplay LED
95% Efficiency, VIN: 2.9V to 4.5V, 1A Output Current, Up to 17 LEDs for
Controller
5 Displays, (5mm
× 5mm) QFN Package
LTC3214
500mA Camera LED Charge Pump
93% Efficiency, VIN: 2.9V to 4.4V, 1x/1.5x/2x Boost Modes,
3mm
× 3mm DFN Package
LTC3215
700mA High Current, Low Noise, White LED Driver
93% Efficiency, VIN: 2.9V to 4.4V, 1x/1.5x/2x Boost Modes,
3mm
× 3mm DFN Package
LTC3216
1A High Current, Low Noise, White LED Driver
93% Efficiency, VIN: 2.9V to 4.4V, 1x/1.5x/2x Boost Modes, Independent
Low/High Current Programming, 3mm
× 4mm DFN Package
LTC3251
500mA (IOUT), 1MHz to 1.6MHz Spread Spectrum
85% Efficiency, VIN: 3.1V to 5.5V, VOUT: 0.9V to 1.6V, IQ = 9µA,
Step-Down Charge Pump
ISD ≤ 1µA, 10-Lead MS Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz Synchronous
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 20µA,
Step-Down DC/DC Converter
ISD ≤ 1µA, ThinSOT Package
LTC3406/LTC3406A
600mA (IOUT), 1.5MHz Synchronous
95% Efficiency, VIN: 2.7V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20µA,
Step-Down DC/DC Converter
ISD ≤ 1µA, ThinSOT Package
ThinSOT is a trademark of Linear Technology Corporation.
TYPICAL APPLICATIO
500mA Camera Flash with PWM Brightness Control
C2
2.2
µF
C3
2.2
µF
C1
1kHz
PWM
(5% TO 100% DC)
2.2
µF
C4
2.2
µF
VBAT
3.92k
1%
ILED
500mA (MAX)
3217 TA02
LED1
LED2
LED3
LED4
GND
VBAT
NC
EN1
EN2
LTC3217
C1P
C1M C2P
C2M
ISET1
ISET2
CPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com