công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PB0263 bảng dữ liệu(PDF) 12 Page - Zilog, Inc.

tên linh kiện PB0263
Giải thích chi tiết về linh kiện  Pyroelectric Sensor Product Specification
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

PB0263 bảng dữ liệu(HTML) 12 Page - Zilog, Inc.

Back Button PB0263 Datasheet HTML 5Page - Zilog, Inc. PB0263 Datasheet HTML 6Page - Zilog, Inc. PB0263 Datasheet HTML 7Page - Zilog, Inc. PB0263 Datasheet HTML 8Page - Zilog, Inc. PB0263 Datasheet HTML 9Page - Zilog, Inc. PB0263 Datasheet HTML 10Page - Zilog, Inc. PB0263 Datasheet HTML 11Page - Zilog, Inc. PB0263 Datasheet HTML 12Page - Zilog, Inc. PB0263 Datasheet HTML 13Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ZSBG323671 Pyroelectric Sensor
Specification
____________________________________________________________________________
PS040601-0122
Page 9
Usage Restrictions and Precautions
This section presents restrictions and precautions that apply to Zilog pyroelectric sensors.
Design Restrictions and Precautions
This sensor is designed for indoor purposes in which secondary accidents due to operation
failure or malfunctions can be anticipated; therefore, add appropriate fail-safe functionality
to your design. If these sensors are intended for outdoor applications, be sure to apply
suitable supplementary optical filters and use a waterproof enclosure.
Usage Restrictions and Precautions
To prevent sensor malfunctions, operational failure, or any deterioration of their
characteristics, do not operate these PIR sensors under the following, or similar, conditions:
• Rapid environmental temperature changes
• Strong shocks or vibrations
• In places where there are obstructing materials (glass, fog, etc.) through which
infrared rays cannot pass within the detection area
• In fluids, corrosive gases, and sea breezes
• Under continual high-humidity atmospheric conditions
• Exposed to direct sunlight or automobile headlights
• Exposed to directly to forced-air currents from a heater or air conditioner
Handling and Storage Restrictions and Precautions
To prevent sensor malfunctions, operational failure, appearance damage, or any
deterioration of their characteristics, do not expose these sensors to the following, or
similar, handling and storage conditions:
• Vibrations over extended periods
• Strong shocks
• Static electricity or strong electromagnetic waves
• High temperature and humidity over extended periods
• Corrosive gases or sea breezes
• Dirty and dusty environments that may contaminate the optical window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13