công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1028CS8 bảng dữ liệu(PDF) 12 Page - Linear Technology

tên linh kiện LT1028CS8
Giải thích chi tiết về linh kiện  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1028CS8 bảng dữ liệu(HTML) 12 Page - Linear Technology

Back Button LT1028CS8 Datasheet HTML 8Page - Linear Technology LT1028CS8 Datasheet HTML 9Page - Linear Technology LT1028CS8 Datasheet HTML 10Page - Linear Technology LT1028CS8 Datasheet HTML 11Page - Linear Technology LT1028CS8 Datasheet HTML 12Page - Linear Technology LT1028CS8 Datasheet HTML 13Page - Linear Technology LT1028CS8 Datasheet HTML 14Page - Linear Technology LT1028CS8 Datasheet HTML 15Page - Linear Technology LT1028CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1028/LT1128
Noise Testing – Current Noise
Current noise density (In) is defined by the following
formula, and can be measured in the circuit shown:
If the Quan Tech Model 5173 is used, the noise reading is
input-referred, therefore the result should not be divided
by 31; the resistor noise should not be multiplied by 31.
100% Noise Testing
The 1kHz voltage and current noise is 100% tested on the
LT1028/LT1128 as part of automated testing; the approxi-
mate frequency response of the filters is shown. The limits
on the automated testing are established by extensive
correlation tests on units measured with the Quan Tech
Model 5173.
S
APPLICATI
I FOR ATIO
10Hz voltage noise density is sample tested on every lot.
Devices 100% tested at 10Hz are available on request for
an additional charge.
10Hz current noise is not tested on every lot but it can be
inferred from 100% testing at 1kHz. A look at the current
noise spectrum plot will substantiate this statement. The
only way 10Hz current noise can exceed the guaranteed
limits is if its 1/f corner is higher than 800Hz and/or its
white noise is high. If that is the case then the 1kHz test will
fail.
In =
[eno
2 – (31
× 18.4nV/√Hz)2]1/2
20k
× 31
–
+
eno
1.8k
60
Ω
LT1028
LT1128
10k
10k
1028/1128 AI04
– OISE
FREQUENCY (Hz)
100
–50
–10
0
10
1k
10k
100k
LT1028/1128 • AI05
–20
–40
–30
CURRENT
NOISE
VOLTAGE
NOISE
S
APPLICATI
I FOR ATIO
General
The LT1028/LT1128 series devices may be inserted di-
rectly into OP-07, OP-27, OP-37, LT1007 and LT1037
sockets with or without removal of external nulling com-
ponents. In addition, the LT1028/LT1128 may be fitted to
5534 sockets with the removal of external compensation
components.
Offset Voltage Adjustment
The input offset voltage of the LT1028/LT1128 and its drift
with temperature, are permanently trimmed at wafer test-
ing to a low level. However, if further adjustment of VOS is
necessary, the use of a 1k nulling potentiometer will not
degrade drift with temperature. Trimming to a value other
Automated Tester Noise Filter
–
+
6
1k
INPUT
LT1028
LT1128
1028/1128 AI06
7
8
1
2
3
4
OUTPUT
–15V
15V
than zero creates a drift of (VOS/300)µV/°C, e.g., if VOS is
adjusted to 300
µV, the change in drift will be 1µV/°C.
The adjustment range with a 1k pot is approximately
±1.1mV.
Offset Voltage and Drift
Thermocouple effects, caused by temperature gradients
across dissimilar metals at the contacts to the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com