| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STR91XFA bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR91XFA bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 78 page ![]() STR91xFA Pin description 41/78 57 92 E9 P6.6 I/O GPIO_6.6, GP Input, HiZ EXINT22_TRIG, Ext Intr & Tach UART0_RxD, UART rcv data GPIO_6.6, GP Output TIM3_OCMP1, Out comp/PWM ETM_TRCLK, ETM trace clock 58 93 D12 P6.7 I/O GPIO_6.7, GP Input, HiZ EXINT23_STOP, Ext Intr & Estop ETM_EXTRIG, ETM ext. trigger GPIO_6.7, GP Output TIM3_OCMP2, Out comp UART0_TX, UART xmit data - 5 D1 P7.0 I/O GPIO_7.0, GP Input, HiZ EXINT24, External Intr TIM0_ICAP1, Input Capture GPIO_7.0, GP Output 8b) EMI_A0, 16b) EMI_A16 ETM_PCK0, ETM Packet - 6 D2 P7.1 I/O GPIO_7.1, GP Input, HiZ EXINT25, External Intr TIM0_ICAP2, Input Capture GPIO_7.1, GP Output 8b) EMI_A1, 16b) EMI_A17 ETM_PCK1, ETM Packet - 7 B1 P7.2 I/O GPIO_7.2, GP Input, HiZ EXINT26, External Intr TIM2_ICAP1, Input Capture GPIO_7.2, GP Output 8b) EMI_A2, 16b) EMI_A18 ETM_PCK2, ETM Packet -13 F1 P7.3 I/O GPIO_7.3, GP Input, HiZ EXINT27, External Intr TIM2_ICAP2, Input Capture GPIO_7.3, GP Output 8b) EMI_A3, 16b) EMI_A19 ETM_PCK3, ETM Packet -14 G1 P7.4 I/O GPIO_7.4, GP Input, HiZ EXINT28, External Intr UART0_RxD, UART rcv data GPIO_7.4, GP Output 8b) EMI_A4, 16b) EMI_A20 EMI_CS3n, EMI Chip Select -15 E5 P7.5 I/O GPIO_7.5, GP Input, HiZ EXINT29, External Intr ETM_EXTRIG, ETM ext. trigger GPIO_7.5, GP Output 8b) EMI_A5, 16b) EMI_A21 EMI_CS2n, EMI Chip Select - 118 E6 P7.6 I/O GPIO_7.6, GP Input, HiZ EXINT30, External Intr TIM3_ICAP1, Input Capture GPIO_7.6, GP Output 8b) EMI_A6, 16b) EMI_A22 EMI_CS1n, EMI Chip Select - 119 A5 P7.7 I/O GPIO_7.7, GP Input, HiZ EXINT31, External Intr TIM3_ICAP2, Input Capture GPIO_7.7, GP Output EMI_CS0n, EMI chip select 16b) EMI_A23, 8b) EMI_A7 -26 L1 P8.0 I/O GPIO_8.0, GP Input, HiZ -- GPIO_8.0, GP Output 8b) EMI_D0, 16b) EMI_AD0 - -28 H3 P8.1 I/O GPIO_8.1, GP Input, HiZ -- GPIO_8.1, GP Output 8b) EMI_D1, 16b) EMI_AD1 - -30 J2 P8.2 I/O GPIO_8.2, GP Input, HiZ -- GPIO_8.2, GP Output 8b) EMI_D2, 16b) EMI_AD2 - -32 K2 P8.3 I/O GPIO_8.3, GP Input, HiZ -- GPIO_8.3, GP Output 8b) EMI_D3, 16b) EMI_AD3 - -34 L3 P8.4 I/O GPIO_8.4, GP Input, HiZ -- GPIO_8.4, GP Output 8b) EMI_D4, 16b) EMI_AD4 - -36 J4 P8.5 I/O GPIO_8.5, GP Input, HiZ -- GPIO_8.5, GP Output 8b) EMI_D5, 16b) EMI_AD5 - -38 M2 P8.6 I/O GPIO_8.6, GP Input, HiZ -- GPIO_8.6, GP Output 8b) EMI_D6, 16b) EMI_AD6 - -44 K5 P8.7 I/O GPIO_8.7, GP Input, HiZ -- GPIO_8.7, GP Output 8b) EMI_D7, 16b) EMI_AD7 - -46 M6 P9.0 I/O GPIO_9.0, GP Input, HiZ -- GPIO_9.0, GP Output 8b) EMI_A8 16b) EMI_AD8 - -47 M7 P9.1 I/O GPIO_9.1, GP Input, HiZ -- GPIO_9.1, GP Output 8b) EMI_A9, 16b) EMI_AD9 - -50 K6 P9.2 I/O GPIO_9.2, GP Input, HiZ -- GPIO_9.2, GP Output 8b) EMI_A10, 16b)EMI_AD10 - -51 J6 P9.3 I/O GPIO_9.3, GP Input, HiZ -- GPIO_9.3, GP Output 8b) EMI_A11, 16b)EMI_AD11 - -52 H6 P9.4 I/O GPIO_9.4, GP Input, HiZ -- GPIO_9.4, GP Output 8b) EMI_A12, 16b)EMI_AD12 - -58 L8 P9.5 I/O GPIO_9.5, GP Input, HiZ -- GPIO_9.5, GP Output 8b) EMI_A13, 16b)EMI_AD13 - -62 M9 P9.6 I/O GPIO_9.6, GP Input, HiZ -- GPIO_9.6, GP Output 8b) EMI_A14, 16b)EMI_AD14 - Pkg Pin Name Default Pin Function Default Input Function Alternate functions Alternate Input 1 Alternate Output 1 Alternate Output 2 Alternate Output 3 |