| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL1ICS3001 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL1ICS3001 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 22 page ![]() I•CODE1 Chip Specification Rev. 2.1 May 2000 SL040521.doc/M Public Page 4 of 22 2 Definitions Data sheet status Objective specification This data sheet contains target or goal specifications for product development. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. Product specification This data sheet contains final product specifications. Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics section of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. 2.1 Life Support Applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so on their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 2.2 Abbreviations ASCII American Standard Code for Information Interchange CSC Cyclic Redundancy Check EAN European Article Number EAS Electronic Article Surveillance EEPROM Electrically Erasable and Programmable Read Only Memory EMI Electromagnetic Interference ETSI European Telecommunications Standards Institute FCC Federal Communications Commission FFC Film Frame Carrier Hex Value in hexadecimal notation IC Integrated Circuit ISM Industrial, Scientific, Medical LSB Least Significant Bit or Byte MSB Most Significant Bit or Byte MTBF Mean Time Between Failure PCB Printed Circuit Board PCM Process Control Module RF Radio Frequency rms Root Mean Square SNR Serial Number UV Ultraviolet |