công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC1101RTK bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện CC1101RTK
Giải thích chi tiết về linh kiện  Low-Cost Low-Power Sub-1GHz RF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CC1101RTK bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button CC1101RTK Datasheet HTML 17Page - Texas Instruments CC1101RTK Datasheet HTML 18Page - Texas Instruments CC1101RTK Datasheet HTML 19Page - Texas Instruments CC1101RTK Datasheet HTML 20Page - Texas Instruments CC1101RTK Datasheet HTML 21Page - Texas Instruments CC1101RTK Datasheet HTML 22Page - Texas Instruments CC1101RTK Datasheet HTML 23Page - Texas Instruments CC1101RTK Datasheet HTML 24Page - Texas Instruments CC1101RTK Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
CC1101
SWRS061B
Page 21 of 93
8
Configuration Overview
CC1101 can be configured to achieve optimum
performance for many different applications.
Configuration is done using the SPI interface.
The
following
key
parameters
can
be
programmed:
•
Power-down / power up mode
•
Crystal oscillator power-up / power-down
•
Receive / transmit mode
•
RF channel selection
•
Data rate
•
Modulation format
•
RX channel filter bandwidth
•
RF output power
•
Data buffering with separate 64-byte
receive and transmit FIFOs
•
Packet radio hardware support
•
Forward Error Correction (FEC) with
interleaving
•
Data Whitening
•
Wake-On-Radio (WOR)
Details of each configuration register can be
found in Section 33, starting on page 59.
Figure 5 shows a simplified state diagram that
explains the main
CC1101 states, together with
typical usage and current consumption. For
detailed information on controlling the
CC1101
state machine, and a complete state diagram,
see Section 19, starting on page 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com