công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC1101RTK bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện CC1101RTK
Giải thích chi tiết về linh kiện  Low-Cost Low-Power Sub-1GHz RF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CC1101RTK bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button CC1101RTK Datasheet HTML 9Page - Texas Instruments CC1101RTK Datasheet HTML 10Page - Texas Instruments CC1101RTK Datasheet HTML 11Page - Texas Instruments CC1101RTK Datasheet HTML 12Page - Texas Instruments CC1101RTK Datasheet HTML 13Page - Texas Instruments CC1101RTK Datasheet HTML 14Page - Texas Instruments CC1101RTK Datasheet HTML 15Page - Texas Instruments CC1101RTK Datasheet HTML 16Page - Texas Instruments CC1101RTK Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
CC1101
SWRS061B
Page 13 of 93
Parameter
Min
Typ
Max
Unit
Condition/Note
Spurious
emissions,
conducted
Harmonics not
included
315 MHz
433 MHz
868 MHz
915 MHz
< -58
< -53
< -50
< -54
< -56
< -50
< -51
< -53
< -51
< -51
dBm
Measured with 10 dBm CW, TX frequency at 315.00 MHz,
433.00 MHz, 868.00 MHz or 915.00 MHz
Frequencies below 960 MHz
Frequencies above 960 MHz
Frequencies below 1 GHz
Frequencies above 1 GHz
Frequencies within 47-74, 87.5-118, 174-230, 470-862 MHz
Frequencies below 1 GHz
Frequencies above 1 GHz
Frequencies within 47-74, 87.5-118, 174-230, 470-862 MHz.
All radiated spurious emissions are within the limits of ETSI. The
peak conducted spurious emission is -53 dBm at 699 MHz, which
is in a frequency band limited to -54 dBm by EN 300 220. An
alternative filter that can be used to reduce the emission at 699
MHz below -54 dBm, for conducted measurements, is shown in
Figure 4.
Frequencies below 960 MHz
Frequencies above 960 MHz
General
TX latency
8
bit
Serial operation. Time from sampling the data on the transmitter
data input pin until it is observed on the RF output ports.
Table 6: RF Transmit Section
4.4
Crystal Oscillator
Tc = 25
°C @ VDD = 3.0 V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
26
26
27
MHz
Tolerance
±40
ppm
This is the total tolerance including a) initial tolerance, b) crystal
loading, c) aging, and d) temperature dependence.
The acceptable crystal tolerance depends on RF frequency and
channel spacing / bandwidth.
ESR
100
Ω
Start-up time
150
µs
Measured on the CC1101EM reference designs ([5] and [6])
using crystal AT-41CD2 from NDK.
This parameter is to a large degree crystal dependent.
Table 7: Crystal Oscillator Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com