| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADN4604ASVZ bảng dữ liệu(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADN4604ASVZ bảng dữ liệu(HTML) 32 Page - Analog Devices |
|
32 / 40 page ![]() ADN4604 Data Sheet Rev. A | Page 32 of 40 APPLICATIONS INFORMATION The ADN4604 is an asynchronous and protocol agnostic digital switch and, therefore, is applicable to a wide range of applica- tions including network routing and digital video switching. The ADN4604 supports the data rates and signaling levels of HDMI®, DVI®, DisplayPort and SD-, HD-, and 3G-SDI digital video. The ADN4604 can be used to create matrix switches. An example block diagram of a 16 × 16 matrix switch is shown in Figure 51. Since HDMI, DVI, and DisplayPort are quad lane protocols, four ADN4604s are used to create a full 16 × 16 matrix switch. Smaller arrays, such as 4 × 4 and 8 × 8, require one and two ADN4604 devices, respectively. Proper high speed PCB design techniques should be used to maintain the signal integrity of the high data rate signals. It is important to minimize the lane-to-lane skew and crosstalk in these applications. ADN4604 IN 0 IN 1 IN 15 OUT 0 OUT 1 OUT 15 ADN4604 IN 0 IN 1 IN 15 OUT 0 OUT 1 OUT 15 ADN4604 IN 0 IN 1 IN 15 OUT 0 OUT 1 OUT 15 ADN4604 IN 0 IN 1 IN 15 OUT 0 OUT 1 OUT 15 SOURCE 1 SOURCE 2 SOURCE 16 SOURCE 3 SOURCE 4 SOURCE 5 SOURCE 6 SOURCE 7 SOURCE 8 SOURCE 9 SOURCE 10 SOURCE 11 SOURCE 12 SOURCE 13 SOURCE 14 SOURCE 15 DISPLAY 1 DISPLAY 2 DISPLAY 16 DISPLAY 3 DISPLAY 4 DISPLAY 5 DISPLAY 6 DISPLAY 7 DISPLAY 8 DISPLAY 9 DISPLAY 10 DISPLAY 11 DISPLAY 12 DISPLAY 13 DISPLAY 14 DISPLAY 15 Figure 51. ADN4604 Digital Video (DVI, HDMI, DisplayPort) Matrix Switch Block Diagram |