công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAA5290ZP bảng dữ liệu(PDF) 19 Page - NXP Semiconductors

tên linh kiện SAA5290ZP
Giải thích chi tiết về linh kiện  One page Economy Teletext/TV microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5290ZP bảng dữ liệu(HTML) 19 Page - NXP Semiconductors

Back Button SAA5290ZP Datasheet HTML 15Page - NXP Semiconductors SAA5290ZP Datasheet HTML 16Page - NXP Semiconductors SAA5290ZP Datasheet HTML 17Page - NXP Semiconductors SAA5290ZP Datasheet HTML 18Page - NXP Semiconductors SAA5290ZP Datasheet HTML 19Page - NXP Semiconductors SAA5290ZP Datasheet HTML 20Page - NXP Semiconductors SAA5290ZP Datasheet HTML 21Page - NXP Semiconductors SAA5290ZP Datasheet HTML 22Page - NXP Semiconductors SAA5290ZP Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
February 1995
19
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
Table 11 SFR description
REGISTER
FUNCTION
IE - Interrupt Enable
EA
Disable all interrupts (logic 0) or use individual enable bits (logic 1).
ES1
I2C-bus interrupt enable (logic 1).
ET1
Enable Timer 1 overflow interrupt (logic 1).
EX1
Enable external interrupt 1 (logic 1).
ET0
Enable Timer 0 overflow interrupt (logic 1).
EX0
Enable external interrupt 0 (logic 1).
PCON - Power Control
GF0
General purpose flag bit 0.
GF1
General purpose flag bit 1.
PWM0 to PWM5 - 6-bit Pulse Width Modulator control registers
PWE
Activate this 6-bit PWM and take over port pin (logic 1).
PV0 to PV5
Value to output by this 6-bit PWM.
SAD - Software ADC control
VHI
Analog input voltage greater than DAC output voltage (logic 1).
CH0 and CH1
See Table 12.
ST
Initiate voltage comparison (logic 1). This is automatically reset.
SAD0 to SAD3
4-bit DAC input value. The DAC output of this value is compared with analog input voltage.
S1BIT - Serial I2C-bus data (READ)
SDI
I2C-bus data bit latched-in from SDA on the last rising edge of SCL.
S1BIT - Serial I2C-bus data (WRITE)
SDO
I2C-bus data bit output.
S1INT - Serial I2C-bus interrupt
SI
I2C-bus interrupt flag.
S1SCS - Serial I2C-bus control (READ)
SDI
Serial data input at SDA.
SCI
Serial clock input at SCL.
CLH
Clock LOW-to-HIGH transition flag.
BB
Bus busy flag.
RBF
Read bit finished flag.
WBF
Write bit finished flag.
STR
Clock stretching enable (logic 1).
ENS
Enable serial I/O (logic 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com