công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP6652EU bảng dữ liệu(PDF) 5 Page - Sipex Corporation

tên linh kiện SP6652EU
Giải thích chi tiết về linh kiện  1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652EU bảng dữ liệu(HTML) 5 Page - Sipex Corporation

  SP6652EU Datasheet HTML 1Page - Sipex Corporation SP6652EU Datasheet HTML 2Page - Sipex Corporation SP6652EU Datasheet HTML 3Page - Sipex Corporation SP6652EU Datasheet HTML 4Page - Sipex Corporation SP6652EU Datasheet HTML 5Page - Sipex Corporation SP6652EU Datasheet HTML 6Page - Sipex Corporation SP6652EU Datasheet HTML 7Page - Sipex Corporation SP6652EU Datasheet HTML 8Page - Sipex Corporation SP6652EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
May25-07 RevH
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
Current Mode Control and Slope
Compensation
The SP6652 is designed to use low value
ceramic capacitors and low value inductors
to reduce the converter’s volume and cost
in portable devices. Current mode PWM
control was, therefore, chosen for the ease
of compensation when using ceramic output
capacitors and better transient line rejec-
tion, which is important in battery powered
applications. Current mode control spreads
the two poles of the output power train filter
far apart so that the modulator gain crosses
over at -20dB/decade instead of the usual
-40dB/decade. The external compensation
network is, simply, a series RC circuit con-
nected between ground and the output of the
internal transconductance error amplifier.
It is well known that an unconditional insta-
bility exists for any fixed frequency current-
mode converter operating above 50% duty
cycle. A simple, constant-slope compensa-
tionischosentoachievestabilityunderthese
conditions. The most common high duty
cycle application is a Li-Ion battery powered
regulator with a 3.3V output (D ≥ 90%). Since
thecurrentloopiscriticallydampedwhenthe
compensation slope (denoted MCV) equals
thenegativedischargeslope(denotedM2V),
the amount of slope compensation chosen
is, therefore:
M2 = dIL/dTOFF =-VOUT/L = -3.3V/4.7µH =
-702mA/µs
MV = M•RPMOS
MCV = -MV = 702mA/µs•0.2Ω = 140mV/µs,
for RPMOS = 0.20Ω
The inductor current is sensed as a voltage
across the PMOS charging switch and the
NMOS synchronous rectifier (see BLOCK
DIAGRAM). Duringinductorcurrentcharge,
V(PVIN)-V(LX) represents the charging cur-
rent ramp times the resistance of the PMOS
chargingswitch.Tokeeptheeffectivecurrent
slopecompensationconstant(remembering
current is being compensated, not voltage)
the voltage slope must be proportional to
RPMOS. To account for this, the slope com-
pensation voltage is internally generated
with a bias current that is also proportional
to RPMOS.
Over Current Protection
In steady state closed loop operation the
voltage at the COMP pin controls the duty
cycle.Duetothecurrentmodecontrolandthe
slope compensation, this voltage will be:
V(COMP)•
{ILPK•RPMOS + MCV•TON + VBE(Q1)}
The COMP node will be clamped when its
voltage tries to exceed V(BLIM) + VBE(Q1).
The VBE(Q1) term is cancelled by VBE(Q2)
at the output of the translator. The correct
value of clamp voltage is, therefore:
V(BLIM) = IL(MAX)• RPMOS + MCV •TON
The IL(MAX) term is generated with a bias
current that is proportional to RPMOS, to
keep the value of current limit approximately
constant over process and temperature
variations, while the MCV •TON is generated
by a peak-holding circuit that senses the
amplitude of the slope compensation ramp
at the end of TON.
There is minimum on-time (TON) generated
even if the COMP node is at zeroV, since
the peak current comparator is reset at the
end of a charge cycle and is held low during
a blanking time after the start of the next
charge cycle. This is necessary to swamp
the transients in the inductor current ramp
around switching times. The minimum TON
(100ns, nominally) is not sufficient for the
COMP node to keep control of the current
DetaileD Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16