| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP6652EU bảng dữ liệu(PDF) 7 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP6652EU bảng dữ liệu(HTML) 7 Page - Sipex Corporation |
|
7 / 16 page ![]() 7 May25-07 RevH SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator © 2007 Sipex Corporation 1 pole rolloff from the error amp pole). The compensation capacitor becomes: Cc = = (2π•Rz•pole1) (6.28•10kΩ•4kHz) = 4nF Soft Start Soft-start is accomplished by disconnect- ing the error amp and inserting a constant 2μA current to charge the compensation capacitor. Whenpowerisfirstappliedandthereference establishes, the clamp circuit at the COMP node sets its voltage at one VBE, which is the bottom of the inductor current range.The soft-start current continues to charge up the COMP node, slowly raising the inductor cur- rent level. The inductor current will increase at approximately: (IREFSS / CC)• RPMOS where: IREFSS = Soft start constant current = 2μA nominally CC = Compensation capacitor RPMOS = Charging PMOS resistance For typical circuit values of CC=6.8nF and RZ=8kΩ, the soft start period is TBD ms. The inductor current will eventually rise above the required load current and the out- put voltage will charge up. During soft-start the error amp is disconnected and acts as a comparator. When V(FB) rises above the reference, the error amp switches to logic high and ends soft-start, at which point the error amp output is connected to the capaci- tated COMP node. DetaileD Description The switching frequency will be reduced to half the normal frequency as long as V(FB) is below 0.3V, as previously discussed in the Over Current Protection section. 100% Duty Cycle in Dropout To extend the battery life in portable applica- tions, the PWM control logic is set up such that if the output SR latch has not been reset by the Current Loop comparator at the end of a clock cycle, the charge signal continues to stay high into the beginning of the next cycle. This will happen naturally when the converter starts to go into dropout.The slope compensation ramp is reset every cycle. External Clock Synchronization The SP6652 has an internal 1.4MHz clock that can be defeated by connecting an ex- ternal clock pulse on the SYNC. The capture range for clock synchronization is 1.0 to 2.0MHz. When a clock pulse is present on the SYNC pin, the internal oscillator bias current is scaled back, handing control of the clock pulses to the faster external clock. The pulse width of the clock is approximately 50 ns, whether internally generated or ex- ternally applied. Thermal Shutdown The internal die temperature is monitored by a comparator that issues a “TOO HOT” sig- nal when the junction temperature reaches 140˚C, nominally. This signal that inhibits all internal circuits until the temperature has decreased to approximately 135˚C, at which point a normal soft start sequence is initiated. |