| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT83SL314 bảng dữ liệu(PDF) 38 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83SL314 bảng dữ liệu(HTML) 38 Page - Exar Corporation |
|
38 / 83 page ![]() XRT83SL314 xr REV. 1.0.1 14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT 35 4.0 TRANSMIT PATH LINE INTERFACE The transmit path of the XRT83SL314 LIU consists of 14 independent T1/E1/J1 transmitters. The following section describes the complete transmit path from TCLK/TPOS/TNEG inputs to TTIP/TRING outputs. A simplified block diagram of the transmit path is shown in Figure 29. FIGURE 29. SIMPLIFIED BLOCK DIAGRAM OF THE TRANSMIT PATH 4.1 TCLK/TPOS/TNEG Digital Inputs In dual rail mode, TPOS and TNEG are the digital inputs for the transmit path. In single rail mode, TNEG has no function and can be left unconnected. The XRT83SL314 can be programmed to sample the inputs on either edge of TCLK. By default, data is sampled on the falling edge of TCLK. To sample data on the rising edge of TCLK, set TCLKE to "1" in the appropriate global register. Figure 30 is a timing diagram of the transmit input data sampled on the falling edge of TCLK. Figure 31 is a timing diagram of the transmit input data sampled on the rising edge of TCLK. The timing specifications are shown in Table 8. FIGURE 30. TRANSMIT DATA SAMPLED ON FALLING EDGE OF TCLK FIGURE 31. TRANSMIT DATA SAMPLED ON RISING EDGE OF TCLK HDB3/B8ZS Encoder Tx Jitter Attenuator Timing Control Tx Pulse Shaper & Pattern Gen Line Driver TTIP TRING TCLK TNEG TPOS TCLK TPOS or TNEG TCLK R TCLK F T HO T SU TCLK TPOS or TNEG TCLK F TCLK R T HO T SU |