công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT94L33IB bảng dữ liệu(PDF) 69 Page - Exar Corporation

tên linh kiện XRT94L33IB
Giải thích chi tiết về linh kiện  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB bảng dữ liệu(HTML) 69 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 65Page - Exar Corporation XRT94L33IB Datasheet HTML 66Page - Exar Corporation XRT94L33IB Datasheet HTML 67Page - Exar Corporation XRT94L33IB Datasheet HTML 68Page - Exar Corporation XRT94L33IB Datasheet HTML 69Page - Exar Corporation XRT94L33IB Datasheet HTML 70Page - Exar Corporation XRT94L33IB Datasheet HTML 71Page - Exar Corporation XRT94L33IB Datasheet HTML 72Page - Exar Corporation XRT94L33IB Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
AN
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
AP
P
P P
P
P E
E
E R
R
R S
S
S O
O
O N
N
N E
E
E T
T
T A
A
AT
T
T M
M
M ///P
P
P P
P
P P
P
P –
–– H
H
H A
A
AR
R
R W
W
W A
A
A R
R
R E
E
E M
M
M A
A
AN
N
N U
U
U A
A
AL
L
L
69
B15
C23
AG13
RxOH_0
RxOH_1
RxOH_2
O
CMOS
Receive Overhead Data Output Interface – output
This output pin functions as the “Receive Overhead Data”
output for the receive system side interface when the
XRT94L33 is configured to operate in DS3/E3 mode, however,
it functions as the “Receive STS-1 Overhead Data” output
when the device is configured to operate in the STS-1 mode.
When configured to operate in DS3/E3 mode:
All overhead bits, which are received via the “Receive Section”
of the channel, will be output via this output pin, upon the
rising edge of “RxOHClk_n”.
When configured to operate in STS-1 mode:
These output pins, along with “RxOHEnable_n”, “RxOHClk_n”
and “RxOHFrame_n” function as the “Receive STS-1 TOH and
POH Output Port”.
Each bit, within the TOH and POH bytes (within the incoming
STS-1 data stream) is updated upon the falling edge of
“RxOHClk_n”. As a consequence, external circuitry receiving
this data, should sample this data upon the rising edge of
“RxOHClk_n”.
Notes:
1.
The external circuitry can determine whether or not
it is receiving POH or TOH data via this output pin.
The “RxOHEnable_n” output pin will be “high”
anytime POH data is being output via these output
pins. Conversely, the “RxOHEnable_n” output pin
will be “low” anytime TOH data is being output via
these output pins.
2.
TOH and POH data, associated with Receive STS-1
TOH and POH Processor Block – Channel 0 will be
output via the “RxOH_0, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com