công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT94L33IB bảng dữ liệu(PDF) 27 Page - Exar Corporation

tên linh kiện XRT94L33IB
Giải thích chi tiết về linh kiện  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB bảng dữ liệu(HTML) 27 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 23Page - Exar Corporation XRT94L33IB Datasheet HTML 24Page - Exar Corporation XRT94L33IB Datasheet HTML 25Page - Exar Corporation XRT94L33IB Datasheet HTML 26Page - Exar Corporation XRT94L33IB Datasheet HTML 27Page - Exar Corporation XRT94L33IB Datasheet HTML 28Page - Exar Corporation XRT94L33IB Datasheet HTML 29Page - Exar Corporation XRT94L33IB Datasheet HTML 30Page - Exar Corporation XRT94L33IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
AN
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
AP
P
P P
P
P E
E
E R
R
R S
S
S O
O
O N
N
N E
E
E T
T
T A
A
AT
T
T M
M
M ///P
P
P P
P
P P
P
P –
–– H
H
H A
A
AR
R
R W
W
W A
A
A R
R
R E
E
E M
M
M A
A
AN
N
N U
U
U A
A
AL
L
L
27
E9
TxE1F1E2Enable
O
CMOS
Transmit E1-F1-E2 Byte Input Port – Enable (or Ready)
Indicator Output pin:
This output pin, along with the “TxTOHClk” output pin and the
“TxE1F1E2” input pin permit the user to insert their value for
the E1, F1 and E2 bytes, into the Transmit STS-3 TOH
Processor Block. The Transmit STS-3 TOH Processor block
will accept this data and will insert into the E1, F1 and E2 byte-
fields, within the “outbound” STS-3 data-stream.
Whatever external circuitry (which is connected to the
“TxTOHClk”, the “TxE1F1E2” and this output pin), is suppose
to do the following.
It should continuously monitor the state of this output pin.
Whenever this output pin pulses “HIGH”, then the external
circuitry should place the next “orderwire” bit (to be inserted
into the “Transmit STS-3 TOH Processor” block) onto the
“TxE1F1E2” input pin, upon the rising edge of “TxTOHClk”.
Any data that is placed on the “TxE1F1E2” input pin, will be
sampled upon the falling edge of “TxOHClk”.
C6
TxE1F1E2Frame
O
CMOS
Transmit E1-F1-E2 Byte Input Port – Framing Output Pin.
This output pin pulses “HIGH” for one period of “TxTOHClk”,
one “TxTOHClk” bit-period prior to the “Transmit E1-F1-E2
Byte Input Port” expecting the very first byte of the E1 byte,
within a given “outbound” STS-3 frame.
A4
TxE1F1E2
I
TTL
Transmit E1-F1-E2 Byte Input Port – Input Pin:
This input pin, along with the “TxE1F1E2Enable” and the
“TxTOHClk” output pins permit the user to insert their value for
the E1, F1 and E2 bytes, into the Transmit STS-3 TOH
Processor Block. The Transmit STS-3 TOH Processor block
will accept this data and insert it into the E1, F1 and E2 byte
fields, within the “outbound” STS-3 data-stream.
Whatever external circuitry that is interfaced to this input pin,
the “TxE1F1E2Enable” and the “TxTOHClk” pins is suppose to
do the following.
It
should
continuously
monitor
the
state
of
the
“TxE1F1E2Enable” input pin.
Whenever the “TxE1F1E2Enable” input pin pulses “HIGH”,
then the external circuitry should place the next “orderwire” bit
(to be inserted into the “Transmit STS-3 TOH Processor”
block) onto this input pin upon the rising edge of “TxTOHClk”.
Any data that is placed on the “TxE1F1E2” input pin, will be
sampled upon the falling edge of “TxTOHClk”.
Note:
This pin should be connected to GND if it is not
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com