công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT94L33IB bảng dữ liệu(PDF) 91 Page - Exar Corporation

tên linh kiện XRT94L33IB
Giải thích chi tiết về linh kiện  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
PDF  465 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB bảng dữ liệu(HTML) 91 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 87Page - Exar Corporation XRT94L33IB Datasheet HTML 88Page - Exar Corporation XRT94L33IB Datasheet HTML 89Page - Exar Corporation XRT94L33IB Datasheet HTML 90Page - Exar Corporation XRT94L33IB Datasheet HTML 91Page - Exar Corporation XRT94L33IB Datasheet HTML 92Page - Exar Corporation XRT94L33IB Datasheet HTML 93Page - Exar Corporation XRT94L33IB Datasheet HTML 94Page - Exar Corporation XRT94L33IB Datasheet HTML 95Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 465 page
background image
xr
XRT94L33
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
Rev.1.2.0.
91
F20
STS1RXD_D7_1
RXHDLCDAT_7_1
RXDS3CLK_1
O
CMOS
Receive STS-1 Telecom Bus – Channel 1 – Output Data
Bus pin number 7:
The exact function of this output pin depends upon whether
the STS-1 Telecom Bus Interface, associated with Channel 1
is enabled or not.
If STS-1 Telecom Bus (Channel 1) has been enabled –
STS-1 Receive Telecom Bus – Output Data bus pin number 7:
STS1RXD_D7_1
This output pin along with “STS1RXD_D_1[6:0]” function as
the “STS-1 Receive (Drop) Telecom Bus – Output Data Bus
for Channel 1. The STS-1 Telecom Bus Interface will update
the
data
via
this
output
upon
the
rising
edge
of
“STS1RXD_CK_1.
Note:
This output pin functions as the MSB (Most
Significant Bit) for the STS-1 Receive (Drop)
Telecom Bus Interface – Output Data Bus (Channel
1).
RXHDLCDAT_7_1 (Receive HDLC block data output –
Channel 1 – Output Data Bus pin 7)
RXDS3CLK_1 (Receive DS3 clock – Channel 1)
AC12
STS1RXD_D0_2
RXHDLCDAT_0_2
RXGFCMSB_2
O
CMOS
Receive STS-1 Telecom Bus – Channel 2 – Output Data
Bus pin number 0:
The exact function of this output pin depends upon whether
the STS-1 Telecom Bus Interface, associated with Channel 2
is enabled or not.
If STS-1 Telecom Bus (Channel 2) has been enabled –
STS-1 Receive Telecom Bus – Output Data bus pin number 0:
STS1RXD_D0_2
This output pin along with “STS1RXD_D_2[7:1]” function as
the “STS-1 Receive (Drop) Telecom Bus – Output Data Bus
for Channel 2. The STS-1 Telecom Bus Interface will update
the
data
via
this
output
upon
the
rising
edge
of
“STS1RXD_CK_2.
Note:
This
input
pin
functions
as
the
LSB
(Least
Significant Bit) of the Receive (Drop) Telecom Bus
for Channel 2.
RXHDLCDAT_0_2 (Receive HDLC block data output –
Channel 2 – Output Data Bus pin 0)
RXGFCMSB_2 (Receive GFC MSB Indicator – Channel 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com