công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT94L33IB bảng dữ liệu(PDF) 29 Page - Exar Corporation

tên linh kiện XRT94L33IB
Giải thích chi tiết về linh kiện  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
PDF  465 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB bảng dữ liệu(HTML) 29 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 25Page - Exar Corporation XRT94L33IB Datasheet HTML 26Page - Exar Corporation XRT94L33IB Datasheet HTML 27Page - Exar Corporation XRT94L33IB Datasheet HTML 28Page - Exar Corporation XRT94L33IB Datasheet HTML 29Page - Exar Corporation XRT94L33IB Datasheet HTML 30Page - Exar Corporation XRT94L33IB Datasheet HTML 31Page - Exar Corporation XRT94L33IB Datasheet HTML 32Page - Exar Corporation XRT94L33IB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 465 page
background image
xr
XRT94L33
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
Rev.1.2.0.
29
B5
TXPOHFRAME
O
TTL
Transmit Path Overhead Input Port – Frame Output pin:
This pin is used for the Transmit AU-4/VC-4 Mapper POH
Processor Block when TUG-3 mapping is used.
This output pin, along with the “TxPOH”, “TxPOHEnable”,
“TxPOHIns” and “TxPOHClk” function as the “Transmit Path
Overhead Input Port”.
If the user is only inserting POH data via these input pins:
Note:
In this mode, the “TxPOH” port will pulse these output
pins “high” whenever it is ready to accept and
process the J1 byte (e.g., the very first POH byte)
via this port.
C8
TXPOHINS
I
TTL
Transmit Path Overhead Input Port – Insert Enable Input
pin:
This pin is used for the Transmit AU-4/VC-4 Mapper POH
Processor Block when TUG-3 mapping is used.
These input pins, along with “TxPOH”, “TxPOHEnable”,
“TxPOHFrame” and “TxPOHClk” function as the “Transmit
Path Overhead (TxPOH) Input Port.
These input pins permit the user to enable or disable the
“TxPOH” input port.
If these input pins are pulled “high”, then the “TxPOH” port will
sample and latch data via the corresponding “TxPOH” input
pins, upon the falling edge of “TxPOHClk”.
Note:
Conversely, if these input pins are pulled “low”, then
the “TxPOH” port will NOT sample and latch data via
the corresponding “TxPOH” input pins.
B6
TXPOHENABLE
O
TTL
Transmit Path Overhead Input Port – POH Indicator
Output pin:
This pin is used for the Transmit AU-4/VC-4 Mapper POH
Processor Block when TUG-3 mapping is used.
These
output
pins,
along
with
“TxPOH”,
“TxPOHIns”,
“TxPOHFrame” and “TxPOHClk” function as the “Transmit
Path Overhead (TxPOH) Input Port”.
These output pins will pulse “high” anytime the “TxPOH” port is
ready to accept and process POH bytes.
These output pins
will be “low” at all other times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com