công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCE40ED65VT bảng dữ liệu(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

tên linh kiện NCE40ED65VT
Giải thích chi tiết về linh kiện  650V 40A Trench FS Gen.7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Trang chủ  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE40ED65VT bảng dữ liệu(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE40ED65VT Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE40ED65VT Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE40ED65VT Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE40ED65VT Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE40ED65VT Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE40ED65VT Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE40ED65VT Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE40ED65VT Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE40ED65VT Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Wuxi NCE Power Co., Ltd
Page
preview
1
NCE40ED65VT
http://www.ncepower.com
650V 40A Trench FS Gen.7 IGBT
General Description
Using NCE's proprietary high density trench gate design and advanced FS
(Field Stop) Gen.7 technology, the 650V Trench FS Gen.7 IGBT offers superior
conduction and switching performances, and easy parallel operation.
Features
Trench field stop Gen.7 Technology Offering
Low saturation voltage: VCEsat = 1.45V(Typ.) @ IC = 40 A
High speed switching, low switching losses
Maximum junction temperature Tvjmax = 175°C
Tighten parameter distribution
High ruggedness, temperature stable behavior
Pb-free lead plating; RoHS compliant
Application
PV power
Three-level Solar String Inverter
UPS
Schematic diagram
Package Marking and Ordering Information
Device
Device Package
Device Marking
NCE40ED65VT
TO-247-3L
NCE40ED65VT
Absolute Maximum Ratings (TC=25°C unless otherwise noted)
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
650
V
VGES
Gate- Emitter Voltage
±30
V
IC
Collector Current
80
A
Collector Current @TC = 100 °C
40
A
ICpuls
Pulsed Collector Current,tp limited by Tjmax
140
A
-
Turn off safe operating area,VCE=650V, Tj=175°C
140
A
IF
Diode Continuous Forward Current @TC = 100 °C
40
A
IFM
Diode Maximum Forward Current
140
A
PD
Power Dissipation @ TC = 25°C
244
W
Power Dissipation @TC = 100 °C
122
W
Tstg
Storage Temperature
-55 to +150
°C
Tvj
Operating junction temperature
-40 to +175
°C
TL
Maximum Temperature for Soldering
260
°C
TO-247-3L


Số phần tương tự - NCE40ED65VT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wuxi NCE Power Semicond...
NCE40ED120VT NCEPOWER-NCE40ED120VT Datasheet
1Mb / 9P
1200V 40A Trench FS Gen.7 IGBT
Preview
More results

Mô tả tương tự - NCE40ED65VT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
RGS80TS65D ROHM-RGS80TS65D Datasheet
905Kb / 13P
650V 40A Field Stop Trench IGBT
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
650V 40A Field Stop Trench IGBT
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
650V 40A Field Stop Trench IGBT
RGTH80TS65D ROHM-RGTH80TS65D Datasheet
1Mb / 13P
650V 40A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG40N60T HMSEMI-HMG40N60T Datasheet
1Mb / 6P
600V, 40A, Trench FS II IGBT
logo
Rohm
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
RGTV80TS65 ROHM-RGTV80TS65 Datasheet
974Kb / 10P
650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGW80TK65 ROHM-RGW80TK65 Datasheet
1Mb / 10P
650V 40A Field Stop Trench IGBT
2017.10 - Rev.A
RGW80TK65E ROHM-RGW80TK65E Datasheet
1Mb / 12P
650V 40A Field Stop Trench IGBT
2018.03 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com