| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT79L71IB bảng dữ liệu(PDF) 2 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB bảng dữ liệu(HTML) 2 Page - Exar Corporation |
|
2 / 434 page ![]() XRT79L71 2 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION REV. 1.0.0 • Supports ATM cell payload scrambling • Maps ATM cells into E3 or DS3 frame • PLCP frame and mapping of ATM cell streams RECEIVE CELL PROCESSING • Extraction of ATM cells from PLCP frame or directly from E3 or DS3 frame • Termination of PLCP frame • Supports payload cell de-scrambling TRANSMIT PACKET PROCESSING • Inserts PPP packets into data stream • Maps HDLC data stream directly into DS3 or E3 frame • Extracts in-band messaging packets • Supports CRC-16/32, HDLC flag and Idle sequence generation RECEIVE PACKET PROCESSING • Extracts HDLC data stream from DS3 or E3 frame • Inserts in-band messaging packets • Detects and removes HDLC flags UTOPIA/ SYSTEM INTERFACE • 8/16 bit UTOPIA Level I and II and PPP Multi-PHY Interface operating at 25, 33 or 50 MHz. • Compliant with ATM Forum UTOPIA II interface • Programmable FIFO size for both Transmit and Receive direction • Compliant to POS-PHY Level 2 interface SERIAL INTERFACE • Serial clock and data interface for accessing DS3/ E3 framer • Serial clock and data interface for accessing cell/ packet processor APPLICATIONS • Digital Access and Cross Connect Systems • 3G Base Stations • DSLAMs • Digital, ATM, WAN and LAN Switches FIGURE 1. BLOCK DIAGRAM OF THE XRT79L71 TU-3 POH Processor Jitter Attenuator Rx DS3/ E3 Framer PLCP & Overhead UTOPIA/ POS-PHY Interface HDLC Controller 2 Receiver Block JTAG Test Port Clock & Data Recov ery AGC/ Equalizer RTIP RRING Transmitter Block ATM Cell Processor or PPP Processor UTOPIA/ POS-PHY Interface ATM Cell Processor or PPP Processor HDLC Controller PLCP & Overhead Tx DS3/ E3 Fram er Jitter Attenuator Tim ing Control Pulse Shaper TTIP TRING Microprocessor Interface 12.288 MHz ClkIN Clock Synthesizer E3CLK DS3CLK Receive Utopia POS-PHY Interface Transm it Utopia POS-PHY Interface |