| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8555PXAPD bảng dữ liệu(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8555PXAPD bảng dữ liệu(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 88 page ![]() MPC8555E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 53 PCI Figure 15 provides the AC test load for the I2C. Figure 36. I2C AC Test Load Figure 37 shows the AC timing diagram for the I2C bus. Figure 37. I2C Bus AC Timing Diagram 13 PCI This section describes the DC and AC electrical specifications for the PCI bus of the MPC8555E. 13.1 PCI DC Electrical Characteristics Table 41 provides the DC electrical characteristics for the PCI interface of the MPC8555E. Table 41. PCI DC Electrical Characteristics 1 Parameter Symbol Test Condition Min Max Unit High-level input voltage VIH VOUT ≥ VOH (min) or 2 OVDD + 0.3 V Low-level input voltage VIL VOUT ≤ VOL (max) –0.3 0.8 V Input current IIN VIN 2 = 0 V or V IN = VDD —±5 μA High-level output voltage VOH OVDD = min, IOH = –100 μA OVDD – 0.2 — V Low-level output voltage VOL OVDD = min, IOL = 100 μA —0.2 V Notes: 1. Ranges listed do not meet the full range of the DC specifications of the PCI 2.2 Local Bus Specifications. 2. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2. Output Z0 = 50 Ω OVDD/2 RL = 50 Ω Sr S SDA SCL tI2CF tI2SXKL tI2CL tI2CH tI2DXKL tI2DVKH tI2SXKL tI2SVKH tI2KHKL tI2PVKH tI2CR tI2CF PS |