| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8555PXAPD bảng dữ liệu(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8555PXAPD bảng dữ liệu(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 88 page ![]() MPC8555E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 36 Freescale Semiconductor Local Bus Notes: 1. The symbols used for timing specifications herein follow the pattern of t(First two letters of functional block)(signal)(state) (reference)(state) for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case for clock one(1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or output hold time. 2. All timings are in reference to LSYNC_IN for DLL enabled mode. 3. All signals are measured from OVDD/2 of the rising edge of local bus clock for DLL bypass mode to 0.4 × OVDD of the signal in question for 3.3-V signaling levels. 4. Input timings are measured at the pin. 5. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered through the component pin is less than or equal to the leakage current specification. 6. The value of tLBOTOT is defined as the sum of 1/2 or 1 ccb_clk cycle as programmed by LBCR[AHD], and the number of local bus buffer delays used as programmed at power-on reset with configuration pins LWE[0:1]. 7. Maximum possible clock skew between a clock LCLK[m] and a relative clock LCLK[n]. Skew measured between complementary signals at OVDD/2. 8. Guaranteed by characterization. 9. Guaranteed by design. Figure 15 provides the AC test load for the local bus. Figure 15. Local Bus C Test Load Local bus clock to address valid for LAD LWE[0:1] = 00 tLBKLOV3 —0.8 ns 3 LWE[0:1] = 11 (default) 2.3 Output hold from local bus clock (except LAD/LDP and LALE) LWE[0:1] = 00 tLBKLOX1 -2.7 — ns 3 LWE[0:1] = 11 (default) -1.8 Output hold from local bus clock for LAD/LDP LWE[0:1] = 00 tLBKLOX2 -2.7 — ns 3 LWE[0:1] = 11 (default) -1.8 Local bus clock to output high Impedance (except LAD/LDP and LALE) LWE[0:1] = 00 tLBKLOZ1 —1.0 ns 5 LWE[0:1] = 11 (default) 2.4 Local bus clock to output high impedance for LAD/LDP LWE[0:1] = 00 tLBKLOZ2 —1.0 ns 5 LWE[0:1] = 11 (default) 2.4 Table 31. Local Bus General Timing Parameters - DLL Bypassed (continued) Parameter Configuration 7 Symbol 1 Min Max Unit Notes Output Z0 = 50 Ω OVDD/2 RL = 50 Ω |