công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280CVRE bảng dữ liệu(PDF) 20 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280CVRE
Giải thích chi tiết về linh kiện  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRE bảng dữ liệu(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRE Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
20
Freescale Semiconductor
AC Electrical Characteristics
Table 12 lists SIU output characteristics.
NOTE
Activating data pipelining (setting BRx[DR] in the memory controller) improves
the AC timing.
Table 12. AC Characteristics for SIU Outputs 1
1
Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
Spec Number
Characteristic
Value (ns)
Max
Min
Maximum Delay
Minimum Delay
66 MHz
83 MHz 100 MHz 66 MHz
83 MHz 100 MHz
sp31
sp30 PSDVAL/TEA/TA
76
5.5
111
sp32
sp30 ADD/ADD_atr./BADDR/CI/GBL/WT
8
6.5
5.5
1
1
1
sp33a
sp30 Data bus 2
2
To achieve 1 ns of hold time at 66, 83, or 100 MHz, a minimum loading of 20 pF is required.
6.5
6.5
5.5
0.7
0.7
0.7
sp33b
sp30 DP
6
5.5
5.5
1
1
1
sp34
sp30 Memory controller signals/ALE
6
5.5
5.5
1
1
1
sp35
sp30 All other signals
6
5.5
5.5
1
1
1
sp35a
sp30 AP
7
7
7111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com