công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280CVRE bảng dữ liệu(PDF) 29 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280CVRE
Giải thích chi tiết về linh kiện  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRE bảng dữ liệu(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRE Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
29
Clock Configuration Modes
0010_100
75.0
100.0
4
300.0 400.0
5
375.0 500.0
6
50.0 66.7
0010_101
75.0
100.0
4
300.0 400.0
5.5
412.5 549.9
6
50.0 66.7
0010_110
75.0
100.0
4
300.0 400.0
6
450.0 599.9
6
50.0 66.7
0011_000
50.0
66.7
5
250.0 333.3
5
250.0 333.3
5
50.0 66.7
0011_001
50.0
66.7
5
250.0 333.3
6
300.0 400.0
5
50.0 66.7
0011_010
50.0
66.7
5
250.0 333.3
7
350.0 466.6
5
50.0 66.7
0011_011
50.0
66.7
5
250.0 333.3
8
400.0 533.3
5
50.0 66.7
0100_000
Reserved
0100_001
50.0
66.7
6
300.0 400.0
6
300.0 400.0
6
50.0 66.7
0100_010
50.0
66.7
6
300.0 400.0
7
350.0 466.6
6
50.0 66.7
0100_011
50.0
66.7
6
300.0 400.0
8
400.0 533.3
6
50.0 66.7
0101_000
60.0
66.7
2
120.0 133.3
2.5
150.0 166.7
2
60.0 66.7
0101_001
50.0
66.7
2
100.0 133.3
3
150.0 200.0
2
50.0 66.7
0101_010
50.0
66.7
2
100.0 133.3
3.5
175.0 233.3
2
50.0 66.7
0101_011
50.0
66.7
2
100.0 133.3
4
200.0 266.6
2
50.0 66.7
0101_100
50.0
66.7
2
100.0 133.3
4.5
225.0 300.0
2
50.0 66.7
0110_000
60.0
80.0
2.5
150.0 200.0
2.5
150.0 200.0
3
50.0 66.7
0110_001
60.0
80.0
2.5
150.0 200.0
3
180.0 240.0
3
50.0 66.7
0110_010
60.0
80.0
2.5
150.0 200.0
3.5
210.0 280.0
3
50.0 66.7
0110_011
60.0
80.0
2.5
150.0 200.0
4
240.0 320.0
3
50.0 66.7
0110_100
60.0
80.0
2.5
150.0 200.0
4.5
270.0 360.0
3
50.0 66.7
0110_101
60.0
80.0
2.5
150.0 200.0
5
300.0 400.0
3
50.0 66.7
0110_110
60.0
80.0
2.5
150.0 200.0
6
360.0 480.0
3
50.0 66.7
0111_000
Reserved
0111_001
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0 66.7
0111_010
50.0
66.7
3
150.0 200.0
3.5
175.0 233.3
3
50.0 66.7
0111_011
50.0
66.7
3
150.0 200.0
4
200.0 266.6
3
50.0 66.7
Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued)
Mode 3
Bus Clock 4
(MHz)
CPM
Multiplication
Factor 5
CPM Clock
(MHz)
CPU
Multiplication
Factor 6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80