| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5554MZP80 bảng dữ liệu(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5554MZP80 bảng dữ liệu(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 50 page ![]() Electrical Characteristics MPC5554 Microcontroller Data Sheet, Rev. 1.4 Freescale Semiconductor 39 Figure 18. DSPI Classic SPI Timing — Master, CPHA = 0 11 Data Valid (after SCK edge) Master (MTFE = 0) Slave Master (MTFE = 1, CPHA=0) Master (MTFE = 1, CPHA=1) tSUO — — — — 5 25 18 5 — — — — 5 25 14 5 — — — — 5 25 13 5 ns ns ns ns 12 Data Hold Time for Outputs Master (MTFE = 0) Slave Master (MTFE = 1, CPHA = 0) Master (MTFE = 1, CPHA = 1) tHO –5 5.5 8 –5 — — — — –5 5.5 4 –5 — — — — –5 5.5 3 –5 — — — — ns ns ns ns 1 DSPI timing specified at VDD = 1.35V to 1.65V, VDDEH = 3.0V to 5.5V, VDD33 and VDDSYN = 3.0V to 3.6V, T A = TL to TH, and CL = 50pF with SRC = 0b11. 2 The minimum SCK Cycle Time restricts the baud rate selection for given system clock rate. These numbers are calculated based on two MPC55xx devices communicating over a DSPI link. 3 The actual minimum SCK Cycle Time is limited by pad performance. 4 The maximum value is programmable in DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK] 5 The maximum value is programmable in DSPI_CTARx[PASC] and DSPI_CTARx[ASC] 6 This number is calculated assuming the SMPL_PT bit field in DSPI_MCR is set to 0b10. Table 26. DSPI Timing1 (continued) Num Characteristic Symbol 80 MHz 112 MHz 132 MHz Unit Min Max Min Max Min Max Data Last Data First Data First Data Data Last Data SIN SOUT PCSx SCK Output 4 9 12 1 11 10 4 SCK Output (CPOL=0) (CPOL=1) 3 2 |